Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AXC8T245 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AXC8T245
Description  8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AXC8T245 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AXC8T245_18 Datasheet HTML 1Page - Texas Instruments SN74AXC8T245_18 Datasheet HTML 2Page - Texas Instruments SN74AXC8T245_18 Datasheet HTML 3Page - Texas Instruments SN74AXC8T245_18 Datasheet HTML 4Page - Texas Instruments SN74AXC8T245_18 Datasheet HTML 5Page - Texas Instruments SN74AXC8T245_18 Datasheet HTML 6Page - Texas Instruments SN74AXC8T245_18 Datasheet HTML 7Page - Texas Instruments SN74AXC8T245_18 Datasheet HTML 8Page - Texas Instruments SN74AXC8T245_18 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
SN74AXC8T245
SCES875 – MARCH 2018
www.ti.com
Product Folder Links: SN74AXC8T245
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input voltage and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The output positive-voltage rating may be exceeded up to 4.2 V maximum if the output current rating is observed.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VCCA
–0.5
4.2
V
Supply voltage, VCCB
–0.5
4.2
V
Input voltage, VI
(2)
I/O ports (A port)
–0.5
4.2
V
I/O ports (B port)
–0.5
4.2
Control inputs
–0.5
4.2
Voltage applied to any output
in the high-impedance or power-off state, VO
(2)
A port
–0.5
4.2
V
B port
–0.5
4.2
Voltage applied to any output in the high or low state, VO
(2) (3)
A port
–0.5
VCCA + 0.2
V
B port
–0.5
VCCB + 0.2
Input clamp current, IIK
VI < 0
–50
mA
Output clamp current, IOK
VO < 0
–50
mA
Continuous output current, IO
–50
50
mA
Continuous current through VCCA, VCCB, or GND
–100
100
mA
Junction Temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±8000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000


Similar Part No. - SN74AXC8T245_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AXC8T245_1808 TI1-SN74AXC8T245_1808 Datasheet
1Mb / 38P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
More results

Similar Description - SN74AXC8T245_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245-EP_017 TI1-SN74LVC8T245-EP_017 Datasheet
1,009Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245_1808 TI1-SN74AXC8T245_1808 Datasheet
1Mb / 38P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74LVC8T245-EP TI1-SN74LVC8T245-EP_17 Datasheet
1,006Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245 Datasheet
358Kb / 47P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245-Q1 TI1-SN74AXC8T245-Q1 Datasheet
373Kb / 29P
[Old version datasheet]   Automotive 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45_18 Datasheet
1Mb / 70P
[Old version datasheet]   Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45 Datasheet
1Mb / 65P
[Old version datasheet]   Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXCH8T245 TI1-SN74AXCH8T245_19 Datasheet
1Mb / 36P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Circuitry
SN54SLC8T245-SEP TI-SN54SLC8T245-SEP_V01 Datasheet
948Kb / 22P
[Old version datasheet]   SN54SLC8T245-SEP 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED SEPTEMBER 2022
SN54SLC8T245-SEP TI-SN54SLC8T245-SEP_V02 Datasheet
948Kb / 22P
[Old version datasheet]   SN54SLC8T245-SEP 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com