Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HSB88WS Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HSB88WS
Description  Silicon Schottky Barrier Diode for Balanced Mixer
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSB88WS Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HSB88WS Datasheet HTML 1Page - Hitachi Semiconductor HSB88WS Datasheet HTML 2Page - Hitachi Semiconductor HSB88WS Datasheet HTML 3Page - Hitachi Semiconductor HSB88WS Datasheet HTML 4Page - Hitachi Semiconductor HSB88WS Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSB88WS
Rev.3, Aug. 2000, page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
10
V
Average rectified current
I
O *15
mA
Power dissipation
Pd *
150
mW
Junction temperature
Tj
125
°C
Operation temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−55 to +125
°C
Note
: 4 devices total
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
V
F1
365
435
mV
I
F = 1 mA
V
F2
520
600
I
F = 10 mA
Reverse current
I
R1

0.2
µAV
R = 2 V
I
R2

10
V
R = 10 V
Capacitance
C

0.85
pF
V
R = 0 V, f = 1 MHz
Capacitance deviation
∆C *1

0.2
pF
V
R = 0 V, f = 1 MHz
Forward voltage deviation
∆V
F *
1

15
mV
I
F = 10 mA
ESD-Capability *
2
30

V
C = 200 pF, R = 0
Ω, Both forward and
reverse direction 1 pulse.
Notes
: 1. Deviation between 4 devices in one package
2. Failure criterion ; I
R > 0.4 µA at VR = 2 V


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn