Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPT3001IDNPTQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPT3001IDNPTQ1
Description  Ambient Light Sensor (ALS)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPT3001IDNPTQ1 Datasheet(HTML) 4 Page - Texas Instruments

  OPT3001IDNPTQ1 Datasheet HTML 1Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 2Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 3Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 4Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 5Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 6Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 7Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 8Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
4
OPT3001-Q1
SBOS853 – MARCH 2017
www.ti.com
Product Folder Links: OPT3001-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Long exposure to temperatures higher than 105°C can cause package discoloration, spectral distortion, and measurement inaccuracy.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Voltage
VDD to GND
–0.5
6
V
SDA, SCL, INT, and ADDR to GND
–0.5
6
V
Current into any pin
10
mA
Temperature
Junction
150
°C
Storage, Tstg
–65
150(2)
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±500
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Operating temperature
–40
85
°C
Operating power-supply voltage
1.6
3.6
V
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report.
6.4 Thermal Information
THERMAL METRIC(1)
OPT3001-Q1
UNIT
DNP (USON)
6 PINS
RθJA
Junction-to-ambient thermal resistance
71.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
45.7
°C/W
RθJB
Junction-to-board thermal resistance
42.2
°C/W
ψJT
Junction-to-top characterization parameter
2.4
°C/W
ψJB
Junction-to-board characterization parameter
42.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
17.0
°C/W


Similar Part No. - OPT3001IDNPTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3001IDNPTQ1 TI1-OPT3001IDNPTQ1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

Similar Description - OPT3001IDNPTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001 TI-OPT3001_15 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3004 TI1-OPT3004 Datasheet
758Kb / 40P
[Old version datasheet]   Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
OPT3005 TI-OPT3005 Datasheet
1Mb / 40P
[Old version datasheet]   OPT3005 Ambient Light Sensor (ALS) for Video Surveillance Cameras
DECEMBER 2022
OPT3004 TI-OPT3004_V01 Datasheet
2Mb / 47P
[Old version datasheet]   OPT3004 Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
DECEMBER 2021
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
   Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com