Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90387 Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # MB90387
Description  16-bit Microcontrollers F2MC-16LX
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90387 Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button MB90387 Datasheet HTML 13Page - Cypress Semiconductor MB90387 Datasheet HTML 14Page - Cypress Semiconductor MB90387 Datasheet HTML 15Page - Cypress Semiconductor MB90387 Datasheet HTML 16Page - Cypress Semiconductor MB90387 Datasheet HTML 17Page - Cypress Semiconductor MB90387 Datasheet HTML 18Page - Cypress Semiconductor MB90387 Datasheet HTML 19Page - Cypress Semiconductor MB90387 Datasheet HTML 20Page - Cypress Semiconductor MB90387 Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
Document Number: 002-07765 Rev. *A
Page 16 of 81
MB90387/387S/F387/F387S
MB90V495G
000083H
(Reserved area) *
000084H
TCANR
Send cancel register
W
CAN controller
00000000B
000085H
(Reserved area) *
000086H
TCR
Send completion register
R/W
CAN controller
00000000B
000087H
(Reserved area) *
000088H
RCR
Receive completion register
R/W
CAN controller
00000000B
000089H
(Reserved area) *
00008AH
RRTRR
Receive RTR register
R/W
CAN controller
00000000B
00008BH
(Reserved area) *
00008CH
ROVRR
Receive overrun register
R/W
CAN controller
00000000B
00008DH
(Reserved area) *
00008EH
RIER
Receive completion interrupt
permission register
R/W
CAN controller
00000000B
00008FH
to
00009DH
(Reserved area) *
00009EH
PACSR
Address detection control register
R/W
Address matching
detection function
00000000B
00009FH
DIRR
Delay interrupt request generation/
release register
R/W
Delay interrupt
generation module
XXXXXXX0B
0000A0H
LPMCR
Lower power consumption mode control
register
W,R/W
Lower power
consumption mode
00011000B
0000A1H
CKSCR
Clock selection register
R,R/W
Clock
11111100B
0000A2H
to
0000A7H
(Reserved area) *
0000A8H
WDTC
Watchdog timer control register
R,W
Watchdog timer
XXXXX111B
0000A9H
TBTC
Time-base timer control register
R/W,W
Time-base timer
1XX00100B
0000AAH
WTC
Watch timer control register
R,R/W
Watch timer
1X001000B
0000ABH
to
0000ADH
(Reserved area) *
0000AEH
FMCS
Flash memory control status register
R,W,R/W
512k-bit Flash
memory
000X0000B
0000AFH
(Reserved area) *
Address
Register
Abbreviation
Register
Read/
Write
Resource
Initial Value


Similar Part No. - MB90387

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90387 FUJITSU-MB90387 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller
MB90387 FUJITSU-MB90387 Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
MB90387PMT FUJITSU-MB90387PMT Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller
MB90387PMT FUJITSU-MB90387PMT Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90387PMT FUJITSU-MB90387PMT Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
More results

Similar Description - MB90387

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90350 CYPRESS-MB90350 Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
logo
Fujitsu Component Limit...
MB90M405 FUJITSU-MB90M405 Datasheet
213Kb / 28P
   F2MC-16LX FAMILY 16-BIT MICROCONTROLLERS HARDWARE MANUAL ABSTRACTS
logo
Cypress Semiconductor
MB90340E CYPRESS-MB90340E Datasheet
16Mb / 93P
   F2MC-16LX 16-bit Microcontroller
MB90F543G CYPRESS-MB90F543G Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
MB90350E CYPRESS-MB90350E Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
MB966C0 CYPRESS-MB966C0 Datasheet
657Kb / 71P
   F2MC-16FX 16-bit Microcontroller
MB96320 CYPRESS-MB96320 Datasheet
2Mb / 94P
   F2MC-16FX, 16-bit Microcontroller
MB966B0 CYPRESS-MB966B0 Datasheet
1Mb / 74P
   F2MC-16FX 16-Bit Microcontroller
MB96640 CYPRESS-MB96640 Datasheet
1Mb / 65P
   F2MC-16FX 16-Bit Microcontroller
MB96670 CYPRESS-MB96670 Datasheet
1Mb / 68P
   F2MC-16FX 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com