Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90387 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # MB90387
Description  16-bit Microcontrollers F2MC-16LX
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90387 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button MB90387 Datasheet HTML 8Page - Cypress Semiconductor MB90387 Datasheet HTML 9Page - Cypress Semiconductor MB90387 Datasheet HTML 10Page - Cypress Semiconductor MB90387 Datasheet HTML 11Page - Cypress Semiconductor MB90387 Datasheet HTML 12Page - Cypress Semiconductor MB90387 Datasheet HTML 13Page - Cypress Semiconductor MB90387 Datasheet HTML 14Page - Cypress Semiconductor MB90387 Datasheet HTML 15Page - Cypress Semiconductor MB90387 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
Document Number: 002-07765 Rev. *A
Page 11 of 81
MB90387/387S/F387/F387S
MB90V495G
Notes When Using No Sub Clock
If an oscillator is not connected to X0A and X1A pin, apply pull-down resistor to X0A pin and leave X1A pin open.
About Power Supply Pins
If two or more Vcc and Vss pins exist, the pins that should be at the same potential are connected to each other inside the device.
For reducing unwanted emissions and preventing malfunction of strobe signals caused by increase of ground level, however, be
sure to connect the Vcc and Vss pins to the power source and the ground externally.
Pay attention to connect a power supply to Vcc and Vss of MB90385 series device in a lowest-possible impedance.
Near pins of MB90385 series device, connecting a bypass capacitor is recommended at 0.1 F across Vcc pin and Vss pin.
Crystal Oscillator Circuit
Noises around X0 and X1 pins cause malfunctions on a MB90385 series device. Design a print circuit so that X0 and X1 pins, an
crystal oscillator (or a ceramic oscillator), and bypass capacitor to the ground become as close as possible to each other. Furthermore,
avoid wires to X0 and X1 pins crossing each other as much as possible.
Print circuit designing that surrounds X0 and X1 pins with grounding wires, which ensures stable operation, is strongly recommended.
Caution on Operations during PLL Clock Mode
If the PLL clock mode is selected, the microcontroller attempt to be working with the self-oscillating circuit even when there is no
external oscillator or external clock input is stopped. Performance of this operation, however, cannot be guaranteed.
Sequence of Turning on Power of A/D Converter and Applying Analog Input
Be sure to turn on digital power (Vcc) before applying signals to the A/D converter and applying analog input signals (AN0 to AN7 pins).
Be sure to turn off the power of A/D converter and analog input before turning off the digital power source.
Be sure not to apply AVR exceeding AVcc when turning on and off. (No problems occur if analog and digital power is turned on and
off simultaneously.)
Handling Pins When A/D Converter is Not Used
If the A/D converter is not used, connect the pins under the following conditions: “AVcc=AVR=Vcc,” and “AVss=Vss”
Note on Turning on Power
For preventing malfunctions on built-in step-down circuit, maintain a minimum of 50 s of voltage rising time (between 0.2 V and
2.7V) when turning on the power.
Stabilization of Supply Voltage
A sudden change in the supply voltage may cause the device to malfunction even within the specified VCC supply voltage operating
range. Therefore, the VCC supply voltage should be stabilized.
For reference, the supply voltage should be controlled so that VCC ripple variations (peak-to-peak values) at commercial frequencies
(50 Hz / 60 Hz) fall below 10
 of the standard VCC supply voltage and the coefficient of fluctuation does not exceed 0.1 V/ms at
instantaneous power switching.


Similar Part No. - MB90387

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90387 FUJITSU-MB90387 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller
MB90387 FUJITSU-MB90387 Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
MB90387PMT FUJITSU-MB90387PMT Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller
MB90387PMT FUJITSU-MB90387PMT Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90387PMT FUJITSU-MB90387PMT Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
More results

Similar Description - MB90387

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90350 CYPRESS-MB90350 Datasheet
1Mb / 83P
   F2MC-16LX 16-bit Microcontroller
logo
Fujitsu Component Limit...
MB90M405 FUJITSU-MB90M405 Datasheet
213Kb / 28P
   F2MC-16LX FAMILY 16-BIT MICROCONTROLLERS HARDWARE MANUAL ABSTRACTS
logo
Cypress Semiconductor
MB90340E CYPRESS-MB90340E Datasheet
16Mb / 93P
   F2MC-16LX 16-bit Microcontroller
MB90F543G CYPRESS-MB90F543G Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
MB90350E CYPRESS-MB90350E Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
MB966C0 CYPRESS-MB966C0 Datasheet
657Kb / 71P
   F2MC-16FX 16-bit Microcontroller
MB96320 CYPRESS-MB96320 Datasheet
2Mb / 94P
   F2MC-16FX, 16-bit Microcontroller
MB966B0 CYPRESS-MB966B0 Datasheet
1Mb / 74P
   F2MC-16FX 16-Bit Microcontroller
MB96640 CYPRESS-MB96640 Datasheet
1Mb / 65P
   F2MC-16FX 16-Bit Microcontroller
MB96670 CYPRESS-MB96670 Datasheet
1Mb / 68P
   F2MC-16FX 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com