Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDZ4V3B Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DDZ4V3B
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ4V3B Datasheet(HTML) 5 Page - Diodes Incorporated

  DDZ4V3B Datasheet HTML 1Page - Diodes Incorporated DDZ4V3B Datasheet HTML 2Page - Diodes Incorporated DDZ4V3B Datasheet HTML 3Page - Diodes Incorporated DDZ4V3B Datasheet HTML 4Page - Diodes Incorporated DDZ4V3B Datasheet HTML 5Page - Diodes Incorporated DDZ4V3B Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS30407 Rev. 2 - 2
5 of 6
DDZ3V3A - DDZ43
www.diodes.com
-0.08
0.12
-0.04
-0.06
20
26
30
V , ZENER VOLTAGE (V)
Z
Fig. 17 Typical Temperature Coefficient of
Zener Voltage, DDZ20C-DDZ30D
24
22
28
-0.02
0
0.02
0.04
0.06
0.08
0.10
I
= 5mA
ZT
I
= 2mA
ZT
-0.08
0.12
-0.04
-0.06
10
16
20
V , ZENER VOLTAGE (V)
Z
Fig. 16 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, DDZ10C-DDZ20C
14
12
18
-0.02
0
0.02
0.04
0.06
0.08
0.10
I
= 5mA
ZT
-0.08
0.12
-0.04
-0.06
06
10
V , ZENER VOLTAGE (V)
Z
Fig. 15 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, DDZ6V2B-DDZ10C
4
2
8
-0.02
0
0.02
0.04
0.06
0.08
0.10
I
= 5mA
ZT
0.1
10
100
1
1000
10,000
36
38
40
42
44
46
48
V , ZENER VOLTAGE (V)
Z
Fig. 14 Typical Zener Impedance Characteristics,
DDZ36- DDZ43
I = 2mA
Z
0.1
10
100
1
1000
10,000
18
19
20
21
22
23
24
V , ZENER VOLTAGE (V)
Z
Fig. 12 Typical Zener Impedance Characteristics,
DDZ18C - DDZ24C
I = 5mA
Z
I = 1mA
Z
0.1
10
100
1
1000
10,000
24
26
28
30
32
34
V , ZENER VOLTAGE (V)
Z
Fig. 13 Typical Zener Impedance Characteristics,
DDZ24C - DDZ33
I = 2mA
Z


Similar Part No. - DDZ4V3B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ4V3BSF DIODES-DDZ4V3BSF Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ4V3BSF DIODES-DDZ4V3BSF Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ4V3BSF DIODES-DDZ4V3BSF Datasheet
223Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
More results

Similar Description - DDZ4V3B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com