Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG9461 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. DG9461
Description  Low-Voltage Single SPDT Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9461 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG9461 Datasheet HTML 1Page - Vishay Siliconix DG9461 Datasheet HTML 2Page - Vishay Siliconix DG9461 Datasheet HTML 3Page - Vishay Siliconix DG9461 Datasheet HTML 4Page - Vishay Siliconix DG9461 Datasheet HTML 5Page - Vishay Siliconix DG9461 Datasheet HTML 6Page - Vishay Siliconix DG9461 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DG9461
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-2
Document Number: 70832
S-63597—Rev. B, 26-Jul-99
ABSOLUTE MAXIMUM RATINGS
Reference to GND
V+
-0.3 to +13 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IN, COM, NC, NOa
-0.3 to (V+ + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current (Any terminal)
"20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Current
"40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Pulsed at 1ms, 10% duty cycle)
ESD (Method 3015.7)
> 2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature (D Suffix)
-65 to 125
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Packages)b
8-Pin Narrow Body SOICc
400 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 6.5 mW/
_C above 75_C
SPECIFICATIONS (V+ = 3 V)
P
Sb l
Test Conditions
Otherwise Unless Specified
T
a
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 3 V,
"10%, VIN = 0.8 or 2.4 Ve
Tempa
Minc
Typb
Maxc
Unit
Analog Switch
Analog Signal Ranged
VANALOG
Full
0
3
V
Drain-Source On-Resistance
rDS(on)
VNO or VNC = 1.5 V, V+ = 2.7 V
ICOM = 5 mA
Room
Full
50
80
140
W
rDS(on) Matchd
DrDS(on)
VNO or VNC = 1.5 V
Room
0.4
2
W
rDS(on) Flatnessf
rDS(on)
Flatness
VNO or VNC = 1 and 2 V
Room
4
8
NO or NC Off Leakage Currentg
INO/NC(off)
VNO or VNC = 1 V / 2 V, VCOM = 2 V / 1 V
Room
Full
-100
–5000
5
100
5000
A
COM Off Leakage Currentg
ICOM(off)
VCOM = 1 V / 2 V, VNO or VNC = 2 V / 1 V
Room
Full
-100
–5000
5
100
5000
pA
Channel-On Leakage Currentg
ICOM(on)
VCOM = VNO or VNC = 1 V / 2 V
Room
Full
-200
–10000
10
200
10000
Digital Control
Input Current
IINL or IINH
Full
1
mA
Dynamic Characteristics
Turn-On Time
tON
VV
1 5 V
Room
Full
50
120
200
Turn-Off Time
tOFF
VNO or VNC = 1.5 V
Room
Full
20
50
120
ns
Break-Before-Make Time
td
Room
3
20
Charge Injection
QINJ
CL = 1 nF, Vgen = 0 V, Rgen = 0 W
Room
1
5
pC
Off-Isolation
OIRR
RL = 50 W, CL = 5 pF, f = 1 MHz
Room
–74
dB
Source-Off Capacitance
CS(off)
f = 1 MHz
Room
7
pF
Channel-On Capacitance
CD(on)
f = 1 MHz
Room
32
pF
Power Supply
Power Supply Range
V+
2.7
12
V
Power Supply Current
I+
V+ = 3.3 V, VIN = 0 or 3.3 V
1
mA
Notes:
a.
Room = 25
°C, Full = as determined by the operating suffix.
b.
Typical values are for design aid only, not guaranteed nor subject to production testing.
c.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d.
Guarantee by design, nor subjected to production test.
e.
VIN = input voltage to perform proper function.
f.
Difference of min and max values.
g.
Guraranteed by 5-V leakage testing, not production tested..


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn