Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE3043 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE3043
Description  Optoisolator NPN Transistor Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE3043 Datasheet(HTML) 2 Page - NTE Electronics

  NTE3043 Datasheet HTML 1Page - NTE Electronics NTE3043 Datasheet HTML 2Page - NTE Electronics NTE3043 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input LED
Reverse Leakage Current
IR
VR = 3V
10
µA
Forward Voltage
VF
IF = 20mA
1.5
V
Reverse Breakdown Voltage
VR
IR = 10µA
3.0
V
Forward Voltage Temperature Coefficient
–1.8
mV/
°C
Junction Capacitance
CJ
VF = 0, f = 1MHz
50
pF
VF = 1V, f = 1MHz
65
pF
Output Transistor
Collector–Emitter Breakdown Voltage
V(BR)CEO IC = 1mA, IF = 0
80
V
Emitter–Base Breakdown Voltage
V(BR)EBO IE = 100µA, IF = 0
5
V
Collector–Base Breakdown Voltage
V(BR)CBO IC = 10µA
100
V
Collector–Emitter Dark Current
ICEO
VCE = 10V, IF = 0
60
nA
DC Current Gain
hFE
VCE = 6V, IC = 100µA
170
Collector–Emitter Capacitance
VCE = 0, f = 1MHz
8
pF
Collector–Base Capacitance
VCE = 5V, f = 1MHz
20
pF
Emitter–Base Capacitance
VEB = 0, f = 1MHz
10
pF
Coupled
DC Current Transfer Ratio
IC/IF
IF = 10mA, VCE = 10V
70
125
210
%
IF = 16mA, VCE = 0.4V
12.5
%
Current Transfer Ratio, Collector–Base
IF = 10mA, VCB = 10V
0.15
%
Input–Output Isolation Resistance
RIO
VISO = 500VDC
10
Collector–Emitter Saturation Voltage
VCE(sat)
IF = 16mA, IC = 2mA
0.4
V
Input–Output Capacitance
CIO
f = 1MHz
0.5
pF
Surge Isolation
Relative Humidity < 50%,
I1–0 < 10µb
4000
VDC
t = 1sec
3000
VAC
Steady State Isolation
Relative Humidity < 50%
3500
VDC
t = 1min
2500
VAC
Switching Times
Non–Saturated Turn–On Time
ton
RL = 100, IC = 200mA, VCC = 5V
4.5
15
µs
Non–Saturated Turn–Off Time
toff
3.5
15
µs
Saturated Turn–On Time
ton
RL = 1.9kΩ, IF = 16mA
3.2
µs
Saturated Turn–Off Time
toff
50
µs


Similar Part No. - NTE3043

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3040 NTE-NTE3040 Datasheet
20Kb / 2P
   Optoisolator NPN Transistor Output
NTE3041 NTE-NTE3041 Datasheet
24Kb / 3P
   Optoisolator NPN Transistor Output
NTE3042 NTE-NTE3042 Datasheet
21Kb / 2P
   Optoisolator NPN Transistor Output
NTE3044 NTE-NTE3044 Datasheet
29Kb / 3P
   Optoisolator NPN Darlington Transistor Output
NTE3045 NTE-NTE3045 Datasheet
22Kb / 2P
   Optoisolator Silicon NPN Darlington Phototransistor Output
More results

Similar Description - NTE3043

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3081 NTE-NTE3081 Datasheet
24Kb / 2P
   Optoisolator NPN Transistor Output
NTE3220 NTE-NTE3220 Datasheet
25Kb / 3P
   Optoisolator NPN Transistor Output
NTE3042 NTE-NTE3042 Datasheet
21Kb / 2P
   Optoisolator NPN Transistor Output
NTE3222 NTE-NTE3222 Datasheet
27Kb / 2P
   Optoisolator NPN Transistor Output
NTE3040 NTE-NTE3040 Datasheet
20Kb / 2P
   Optoisolator NPN Transistor Output
NTE3041 NTE-NTE3041 Datasheet
24Kb / 3P
   Optoisolator NPN Transistor Output
NTE3044 NTE-NTE3044 Datasheet
29Kb / 3P
   Optoisolator NPN Darlington Transistor Output
NTE3083 NTE-NTE3083 Datasheet
25Kb / 2P
   Optoisolator NPN Darlington Transistor Output
NTE3082 NTE-NTE3082 Datasheet
23Kb / 2P
   Optoisolator NPN Darlington Transistor Output
NTE3086 NTE-NTE3086 Datasheet
23Kb / 3P
   Optoisolator Dual NPN Transistor Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com