Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP410C Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP410C
Description  Single-Chip CMOS Microcontrollers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP410C Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button COP410C Datasheet HTML 4Page - National Semiconductor (TI) COP410C Datasheet HTML 5Page - National Semiconductor (TI) COP410C Datasheet HTML 6Page - National Semiconductor (TI) COP410C Datasheet HTML 7Page - National Semiconductor (TI) COP410C Datasheet HTML 8Page - National Semiconductor (TI) COP410C Datasheet HTML 9Page - National Semiconductor (TI) COP410C Datasheet HTML 10Page - National Semiconductor (TI) COP410C Datasheet HTML 11Page - National Semiconductor (TI) COP410C Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Functional Description (Continued)
The SIO register functions as a 4-bit serial-inserial-out shift
register or as a binary counter depending upon the con-
tents of the EN register (See EN register description be-
low) Its contents can be exchanged with A
allowing
it to input or output a continuous serial data stream With
SIO functioning as a serial-inserial-out shift register and SK
as a sync clock the COP410C411C is MICROWIRE com-
patible
The D register provides four general purpose outputs and is
used as the destination register for the 4-bit contents of Bd
The XAS instruction copies C into the SKL latch In the
counter mode SK is the output of SKL in the shift register
mode SK is a sync clock inhibited when SKL is a logic ‘‘0’’
The EN register is an internal 4-bit register loaded under
program control by the LEI instruction The state of each bit
of this register selects or deselects the particular feature
associated with each bit of the EN register (EN3 – EN0)
1 The least significant bit of the enable register EN0 se-
lects the SIO register as either a 4-bit shift register or as a
4-bit binary counter With EN0 set SIO is an asynchro-
nous binary counter
decrementing its value by one upon
each low-going pulse (‘‘1’’ to ‘‘0’’) occurring on the SI
input Each pulse must be at least two instruction cycles
wide SK outputs the value of SKL The SO output is
equal to the value of EN3 With EN0 reset SIO is a serial
shift register shifting left each instruction cycle time The
data present at SI is shifted into the least significant bit of
SIO SO can be enabled to output the most significant bit
of SIO each instruction cycle time (See 4 below) The
SK output becomes a logic-controlled clock
2 EN 1 is not used it has no effect on the COP410C411C
3 With EN2 set the L drivers are enabled to output the data
in Q to the L IO ports Resetting EN2 disables the L
drivers placing the L IO ports in a high impedance input
state
4 EN3 in conjunction with EN0 affects the SO output With
EN0 set (binary counter option selected) SO will output
the value loaded into EN3 With EN0 reset (serial shift
register option selected) setting EN3 enables SO as the
output of the SIO shift register outputting serial shifted
data each instruction time Resetting EN3 with the serial
shift register option selected disables SO as the shift
register output data continues to be shifted through SIO
and can be exchanged with A via an XAS instruction but
SO remains reset to ‘‘0’’
INITIALIZATION
The internal reset logic will initialize the device upon power-
up if the power supply rise time is less than 1 ms and if the
operating frequency at CKI is greater than 32 kHz other-
wise the external RC network shown in
Figure 5 must be
connected to the RESET pin The RESET pin is configured
as a Schmitt trigger input If not used it should be connect-
ed to VCC Initialization will occur whenever a logic ‘‘0’’ is
applied to the RESET input providing it stays low for at
least three instruction cycle times
When VCC power is applied the internal reset logic will keep
the chip in initialization mode for up to 2500 instruction cy-
cles If the CKI clock is running at a low frequency this
could take a long time therefore the internal logic should
be disabled by a mask option with initialization controlled
solely by RESET pin
Note
If CKI clock is less than 32 kHz the internal reset logic (Option 25e1)
must be disabled and the external RC network must be present
Upon initialization the PC register is cleared to 0 (ROM ad-
dress 0) and the A B C D EN and G registers are cleared
The SK output is enabled as a SYNC output providing a
pulse each instruction cycle time Data memory (RAM) is
not cleared upon initialization The first instruction at ad-
dress 0 must be a CLRA (clear A register)
TLDD5015 – 6
RC l 5 c Power Supply Rise Time
and RC l 100 c CKI Period
FIGURE 5 Power-Up Clear Circuit
COP411C
If the COP410C is bonded as a 20-pin package it becomes
the COP411C illustrated in
Figure 2 COP410C411C Con-
nection Diagrams Note that the COP411C does not contain
D2 D3 G3 or CKO Use of this option of course precludes
use of D2 D3 G3 and CKO options All other options are
available for the COP411C
TABLE I Enable Register Modes
Bits EN0 and EN3
EN0
EN3
SIO
SI
SO
SK
0
0
Shift Register
Input to Shift
0
If SKL e 1 SK e clock
Register
If SKL e 0 SK e 0
0
1
Shift Register
Input to Shift
Serial
If SKL e 1 SK e clock
Register
out
If SKL e 0 SK e 0
1
0
Binary Counter
Input to Counter
0
SK e SKL
1
1
Binary Counter
Input to Counter
1
SK e SKL
8


Similar Part No. - COP410C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP410L NSC-COP410L Datasheet
331Kb / 20P
   Single-Chip N-Channel Microcontrollers
More results

Similar Description - COP410C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP413C NSC-COP413C Datasheet
223Kb / 16P
   Single-Chip CMOS Microcontrollers
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NXP Semiconductors
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com