Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4170AID Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4170AID
Description  36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4170AID Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA4170AID Datasheet HTML 6Page - Texas Instruments OPA4170AID Datasheet HTML 7Page - Texas Instruments OPA4170AID Datasheet HTML 8Page - Texas Instruments OPA4170AID Datasheet HTML 9Page - Texas Instruments OPA4170AID Datasheet HTML 10Page - Texas Instruments OPA4170AID Datasheet HTML 11Page - Texas Instruments OPA4170AID Datasheet HTML 12Page - Texas Instruments OPA4170AID Datasheet HTML 13Page - Texas Instruments OPA4170AID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
10
OPA170, OPA2170, OPA4170
SBOS557D – AUGUST 2011 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: OPA170 OPA2170 OPA4170
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VO
Voltage output swing from positive rail
IL = 0 mA, VS = 4 V to 36 V
10
mV
IL sourcing 1 mA, VS = 4 V to 36 V
115
mV
VO
Voltage output swing from negative rail
IL = 0 mA, VS = 4 V to 36 V
8
mV
IL sinking 1 mA, VS = 4 V to 36 V
70
mV
VO
Voltage output swing from rail
VS = 5 V, RL = 10 kΩ; TA = –40°C to +125°C
(V–) + 0.03
(V+) – 0.05
V
RL = 10 kΩ, AOL ≥ 110 dB,
TA = –40°C to +125°C
(V–) + 0.35
(V+) – 0.35
V
ISC
Short-circuit current
–20
17
mA
CLOAD
Capacitive load drive
See Typical Characteristics
pF
RO
Open-loop output resistance
ƒ = 1 MHz, IO = 0 A
900
Ω
POWER SUPPLY
VS
Specified voltage range
2.7
36
V
IQ
Quiescent current per amplifier
IO = 0 A; TA = 25°C
110
145
µA
IO = 0 A; TA = –40°C to +125°C
155
µA
TEMPERATURE
Specified range
–40
125
°C
Operating range
–55
150
°C


Similar Part No. - OPA4170AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4170AID TI1-OPA4170AID Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA4170AID TI1-OPA4170AID Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA4170AIDR TI1-OPA4170AIDR Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA4170AIDR TI1-OPA4170AIDR Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4170AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA170-Q1 TI1-OPA170-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com