Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2170AIDGK Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2170AIDGK
Description  36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2170AIDGK Datasheet(HTML) 1 Page - Texas Instruments

  OPA2170AIDGK Datasheet HTML 1Page - Texas Instruments OPA2170AIDGK Datasheet HTML 2Page - Texas Instruments OPA2170AIDGK Datasheet HTML 3Page - Texas Instruments OPA2170AIDGK Datasheet HTML 4Page - Texas Instruments OPA2170AIDGK Datasheet HTML 5Page - Texas Instruments OPA2170AIDGK Datasheet HTML 6Page - Texas Instruments OPA2170AIDGK Datasheet HTML 7Page - Texas Instruments OPA2170AIDGK Datasheet HTML 8Page - Texas Instruments OPA2170AIDGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
PackageFootprintComparison(toScale)
PackageHeight
(toScale)
Comparison
D(SO-8)
DBV(SOT23-5)
DRL(SOT553)
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA170, OPA2170, OPA4170
SBOS557D – AUGUST 2011 – REVISED OCTOBER 2017
OPAx170 36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line
Series
1
1 Features
1
Supply Range: 2.7 V to 36 V, ±1.35 V to ±18 V
Low Noise: 19 nV/
√Hz
RFI Filtered Inputs
Input Range Includes the Negative Supply
Input Range Operates to Positive Supply
Rail-to-Rail Output
Gain Bandwidth: 1.2 MHz
Low Quiescent Current: 110 µA per Amplifier
High Common-Mode Rejection: 120 dB
Low Bias Current: 15 pA (Maximum)
Industry-Standard Packages and micro Packages
Available
Create a Custom Design Using the OPAx170 With
the WEBENCH® Power Designer
2 Applications
Tracking Amplifier in Power Modules
Merchant Power Supplies
Transducer Amplifiers
Bridge Amplifiers
Temperature Measurements
Strain Gauge Amplifiers
Precision Integrators
Battery-Powered Instruments
Test Equipment
3 Description
The OPA170, OPA2170, and OPA4170 devices
(OPAx170) are a family of 36-V, single-supply, low-
noise operational amplifiers (op amps) that feature
micro packages with the ability to operate on supplies
ranging from 2.7 V (±1.35 V) to 36 V (±18 V). They
offer good offset, drift, and bandwidth with low
quiescent
current.
The
single,
dual,
and
quad
versions all have identical specifications for maximum
design flexibility.
Unlike most op amps, which are specified at only one
supply voltage, the OPAx170 family of op amps is
specified from 2.7 V to 36 V. Input signals beyond the
supply rails do not cause phase reversal. The
OPAx170 family is stable with capacitive loads up to
300 pF. The input can operate 100 mV below the
negative rail and within 2 V of the positive rail for
normal operation. Note that these devices can
operate with full rail-to-rail input 100 mV beyond the
positive rail, but with reduced performance within 2 V
of the positive rail. The OPAx170 op amps are
specified from –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA170
SOIC (8)
4.90 mm × 3.91 mm
SOT (5)
1.60 mm × 1.20 mm
SOT-23 (5)
2.90 mm × 1.60 mm
OPA2170
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
VSSOP (8), micro size
2.30 mm × 2.00 mm
WSON (8)
2.00 mm × 2.00 mm
OPA4170
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Smallest Packaging for 36-V Operational Amplifiers


Similar Part No. - OPA2170AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2170AIDGK TI1-OPA2170AIDGK Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA2170AIDGK TI1-OPA2170AIDGK Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA2170AIDGKR TI1-OPA2170AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA2170AIDGKR TI1-OPA2170AIDGKR Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2170AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA170-Q1 TI1-OPA170-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com