Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4170 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4170
Description  36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4170 Datasheet(HTML) 4 Page - Texas Instruments

  OPA4170 Datasheet HTML 1Page - Texas Instruments OPA4170 Datasheet HTML 2Page - Texas Instruments OPA4170 Datasheet HTML 3Page - Texas Instruments OPA4170 Datasheet HTML 4Page - Texas Instruments OPA4170 Datasheet HTML 5Page - Texas Instruments OPA4170 Datasheet HTML 6Page - Texas Instruments OPA4170 Datasheet HTML 7Page - Texas Instruments OPA4170 Datasheet HTML 8Page - Texas Instruments OPA4170 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
1
2
3
4
8
7
6
5
NC
(1)
V+
OUT
NC
(1)
NC
(1)
-IN
+IN
V-
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
1
2
3
5
4
V+
OUT
IN+
V
-
IN
-
4
OPA170, OPA2170, OPA4170
SBOS557D – AUGUST 2011 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: OPA170 OPA2170 OPA4170
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
6 Pin Configuration and Functions
OPA170: DRL Package
5-Pin SOT
Top View
OPA170: DBV Package
5-Pin SOT-23
Top View
OPA170: D Package
8-Pin SOIC
Top View
(1)
NC indicates no internal connection.
Pin Functions: OPA170
PIN
I/O
DESCRIPTION
NAME
SOT
SOT-23
D
IN– (–IN)
3
4
2
I
Negative (inverting) input
IN+ (+IN)
1
3
3
I
Positive (noninverting) input
NC(1)
1, 5, 8
No internal connection (can be left floating)
OUT
4
1
6
O
Output
V+
5
5
7
Positive (highest) power supply
V–
2
2
4
Negative (lowest) power supply


Similar Part No. - OPA4170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4170 TI1-OPA4170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA4170 TI1-OPA4170 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA4170 TI-OPA4170 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA4170-Q1 TI1-OPA4170-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
OPA4170AID TI1-OPA4170AID Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
More results

Similar Description - OPA4170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA170-Q1 TI1-OPA170-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com