Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX8410L Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMX8410L
Description  High-Performance Mixer With Integrated Synthesizer
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX8410L Datasheet(HTML) 3 Page - Texas Instruments

  LMX8410L Datasheet HTML 1Page - Texas Instruments LMX8410L Datasheet HTML 2Page - Texas Instruments LMX8410L Datasheet HTML 3Page - Texas Instruments LMX8410L Datasheet HTML 4Page - Texas Instruments LMX8410L Datasheet HTML 5Page - Texas Instruments LMX8410L Datasheet HTML 6Page - Texas Instruments LMX8410L Datasheet HTML 7Page - Texas Instruments LMX8410L Datasheet HTML 8Page - Texas Instruments LMX8410L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
CE
VBIAS_VCO2
VBIAS_VCO1
OSCINP
CSB
GND
RF
VCC_RF
GND
SYNC
GND
VCC_DIG
OSCINM
VREG_OSCIN
MUXOUT
VCC_CP
SDI
VCC_IFQ
NC
VCC_RF
GND
NC
VCC_IFI
VCM_IN
47
48
46
45
44
43
42
41
40
39
38
37
11
12
10
9
8
7
6
5
4
3
2
1
14
13
15
16
17
18
19
20
21
22
23
24
26
25
27
28
29
30
31
32
33
34
35
36
DAP
49
3
LMX8410L
www.ti.com
SNAS730 – MARCH 2018
Product Folder Links: LMX8410L
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
RGZ Package
48-Pin QFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NAME
1
CE
Input
Chip Enable input. Active HIGH powers on the device.
2
VBIAS_VCO2
Bypass
VCO bias. Requires connecting 10-µF capacitor to VCO ground. Place close to pin. If using
external LO, this pin must be floated.
3
VBIAS_VCO1
Bypass
VCO bias. Requires connecting 10-µF capacitor to VCO ground. Place close to pin. If using
external LO, this pin must be floated.
4
GND
Ground
VCO ground. VBIAS pin capacitors must bypass to this point.
5
SYNC
Input
Trigger pin for synchronizing multiple devices. If using external LO, tie this pin to GND.
6
GND
Ground
Digital ground. VCC_DIG bypass capacitors must bypass to this point.
7
VCC_DIG
Supply
Digital supply. TI recommends connecting 0.1-µF capacitor to digital ground.
8
OSCINP
Input
Reference input clock (+). High input impedance. Requires connecting series capacitor (0.1 µF
recommended). If using external LO, tie this pin to GND.
9
OSCINM
Input
Reference input clock (–). High input impedance. Requires connecting series capacitor (0.1 µF
recommended). If using external LO, tie this pin to GND.
10
VREG_OSCIN
Bypass
Internal LDO output. Requires connecting 1-µF capacitor to digital ground. Place close to pin. If
using external LO, this pin should be floated.
11
MUXOUT
Output
Readback or lock detect output. Pin mode configured by internal register settings.


Similar Part No. - LMX8410L

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LMX ILLINOISCAPACITOR-LMX Datasheet
460Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
logo
Vecow Co., Ltd.
LMX-200 VECOW-LMX-200 Datasheet
314Kb / 1P
   Intel I210 Mini PCIe 2-port GigE LAN Card, dual 10/100/1000 BASE-T, IEEE 802.3, IEEE 802.3u, IEEE 803.3ab Compliant
logo
BELIMO AIRCONTROLS (USA...
LMX120-3 BELIMO-LMX120-3 Datasheet
444Kb / 2P
   On/Off, Floating Point, Non-Spring Return, AC 100...240 V
LMX120-3-F BELIMO-LMX120-3-F Datasheet
407Kb / 2P
   On/Off, Floating Point, Non-Spring Return, AC 100...240 V
LMX120-SR BELIMO-LMX120-SR Datasheet
481Kb / 2P
   Modulating, Non-Spring Return, AC 100...240 V, for DC 2...10 V or 4...20 mA
More results

Similar Description - LMX8410L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2053 RFMD-RF2053 Datasheet
1Mb / 36P
   HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
logo
RF Micro Devices
RFFC5071A RFMD-RFFC5071A Datasheet
2Mb / 26P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
Qorvo, Inc
RFFC506X QORVO-RFFC506X Datasheet
4Mb / 25P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC5061 QORVO-RFFC5061 Datasheet
4Mb / 25P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
RF Micro Devices
RFFC5061 RFMD-RFFC5061 Datasheet
4Mb / 25P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
Qorvo, Inc
RFFC5071 QORVO-RFFC5071 Datasheet
3Mb / 26P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
Texas Instruments
LMX2531LQ1570E TI-LMX2531LQ1570E Datasheet
1Mb / 41P
[Old version datasheet]   LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com