Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C20F Datasheet(PDF) 5 Page - Schurter Inc.

Part # C20F
Description  IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

C20F Datasheet(HTML) 5 Page - Schurter Inc.

  C20F_18 Datasheet HTML 1Page - Schurter Inc. C20F_18 Datasheet HTML 2Page - Schurter Inc. C20F_18 Datasheet HTML 3Page - Schurter Inc. C20F_18 Datasheet HTML 4Page - Schurter Inc. C20F_18 Datasheet HTML 5Page - Schurter Inc. C20F_18 Datasheet HTML 6Page - Schurter Inc. C20F_18 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Power Entry Modules with Line Filter
C20F
https://www.schurter.com /PG06
EMC Products
Medical version (M5)
20 A
All Variants
Rated Current
IEC
Rated Current
UL
Filter-Type
Panel mounting
Mounting side
Terminal
Capacitor
V-Lock Order Number
16
20
Standard Version
Snap-in
Front Side
Quick connect terminals 6.3 x 0.8
mm
X2 100nF
C20F.0111
16
20
Standard Version
Snap-in
Front Side
Quick connect terminals 6.3 x 0.8
mm
X1 100nF
C20F.0113
16
20
Standard Version
Snap-in
Front Side
Solder terminals
X2 100nF
C20F.0011
16
20
Standard Version
Snap-in
Front Side
Solder terminals
X1 100nF
C20F.0013
16
20
Standard Version
Screw
Front Side
Quick connect terminals 6.3 x 0.8
mm
X2 100nF
C20F.0101
16
20
Standard Version
Screw
Front Side
Quick connect terminals 6.3 x 0.8
mm
X2 100nF
l
C20F.0101.21
16
20
Standard Version
Screw
Front Side
Quick connect terminals 6.3 x 0.8
mm
X1 100nF
C20F.0103
16
20
Standard Version
Screw
Front Side
Solder terminals
X2 100nF
C20F.0001
16
20
Standard Version
Screw
Front Side
Solder terminals
X2 100nF
l
C20F.0001.21
16
20
Standard Version
Screw
Front Side
Solder terminals
X1 100nF
C20F.0003
16
20
Standard Version
Screw
Rear Side
Flexible wire AWG14
X2 100nF
C20F.0221
16
20
Standard Version
Screw
Rear Side
Flexible wire AWG14
X1 100nF
C20F.0223
16
20
Standard Version
Screw
Rear Side
Quick connect terminals 6.3 x 0.8
mm
X2 100nF
C20F.0121
16
20
Standard Version
Screw
Rear Side
Quick connect terminals 6.3 x 0.8
mm
X1 100nF
C20F.0123
16
20
Standard Version
Screw
Rear Side
Solder terminals
X2 100nF
C20F.0021
16
20
Standard Version
Screw
Rear Side
Solder terminals
X1 100nF
C20F.0023
16
20
Medical Version (M5)
Snap-in
Front Side
Quick connect terminals 6.3 x 0.8
mm
X2 100nF
C20F.0112
16
20
Medical Version (M5)
Snap-in
Front Side
Quick connect terminals 6.3 x 0.8
mm
X1 100nF
C20F.0114
16
20
Medical Version (M5)
Snap-in
Front Side
Solder terminals
X2 100nF
C20F.0012
16
20
Medical Version (M5)
Snap-in
Front Side
Solder terminals
X1 100nF
C20F.0014
16
20
Medical Version (M5)
Screw
Front Side
Quick connect terminals 6.3 x 0.8
mm
X2 100nF
C20F.0102
16
20
Medical Version (M5)
Screw
Front Side
Quick connect terminals 6.3 x 0.8
mm
X1 100nF
C20F.0104
16
20
Medical Version (M5)
Screw
Front Side
Solder terminals
X2 100nF
C20F.0002
16
20
Medical Version (M5)
Screw
Front Side
Solder terminals
X1 100nF
C20F.0004
16
20
Medical Version (M5)
Screw
Rear Side
Flexible wire AWG14
X2 100nF
C20F.0222
16
20
Medical Version (M5)
Screw
Rear Side
Flexible wire AWG14
X1 100nF
C20F.0224
16
20
Medical Version (M5)
Screw
Rear Side
Quick connect terminals 6.3 x 0.8
mm
X2 100nF
C20F.0122
16
20
Medical Version (M5)
Screw
Rear Side
Quick connect terminals 6.3 x 0.8
mm
X1 100nF
C20F.0124
16
20
Medical Version (M5)
Screw
Rear Side
Solder terminals
X2 100nF
C20F.0022
16
20
Medical Version (M5)
Screw
Rear Side
Solder terminals
X1 100nF
C20F.0024
Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER


Similar Part No. - C20F_18

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
C20F.0001 SCHURTER-C20F.0001 Datasheet
769Kb / 8P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
04.01.2022
C20F.0011 SCHURTER-C20F.0011 Datasheet
769Kb / 8P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
04.01.2022
C20F.0013 SCHURTER-C20F.0013 Datasheet
769Kb / 8P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
04.01.2022
C20F.0101 SCHURTER-C20F.0101 Datasheet
769Kb / 8P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
04.01.2022
C20F.0103 SCHURTER-C20F.0103 Datasheet
769Kb / 8P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
04.01.2022
More results

Similar Description - C20F_18

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
C20F SCHURTER-C20F_V01 Datasheet
769Kb / 8P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
04.01.2022
C20F SCHURTER-C20F Datasheet
630Kb / 5P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
5130 SCHURTER-5130_17 Datasheet
618Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130_V01 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130 Datasheet
716Kb / 5P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130_V02 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
04.01.2022
FGS SCHURTER-FGS_V01 Datasheet
523Kb / 6P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
17.08.2020
FGS SCHURTER-FGS Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_V02 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
04.01.2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com