Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BB504C Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. BB504C
Description  Build in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

BB504C Datasheet(HTML) 4 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BB504C
4
• 900 MHz Power Gain, Noise Figure Test Circuit
Input
Output
C2
C1
L1
L2
L3
L4
S
G1
G2
R1
R2
C3
R3
RFC
C6
C5
C4
D
VG2
VG1
VD
C1, C2
C3
C4 to C6
R1
R2
R3
Variable Capacitor (10pF MAX)
Disk Capacitor (1000pF)
Air Capacitor (1000pF)
120 k
47 k
4.7 k
:
:
:
:
:
:
26
L2:
18
L4:
29
L3:
(
Φ1mm Copper wire)
Unit:mm
21
L1:
10
RFC :
Φ1mm Copper wire with enamel 4turns inside dia 6mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn