Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR23625-Q1 Datasheet(PDF) 16 Page - Texas Instruments

Part # LMR23625-Q1
Description  SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23625-Q1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMR23625-Q1_18 Datasheet HTML 12Page - Texas Instruments LMR23625-Q1_18 Datasheet HTML 13Page - Texas Instruments LMR23625-Q1_18 Datasheet HTML 14Page - Texas Instruments LMR23625-Q1_18 Datasheet HTML 15Page - Texas Instruments LMR23625-Q1_18 Datasheet HTML 16Page - Texas Instruments LMR23625-Q1_18 Datasheet HTML 17Page - Texas Instruments LMR23625-Q1_18 Datasheet HTML 18Page - Texas Instruments LMR23625-Q1_18 Datasheet HTML 19Page - Texas Instruments LMR23625-Q1_18 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
IN
OUT
OUT
OUT _ MAX
LS _ LIMIT
SW
IN
V
V
V
I
I
2 f
L
V
u
u
u
Z _ESR
OUT
1
f
2
C
ESR
S u
u
16
LMR23625-Q1
SNVSAR5B – DECEMBER 2016 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LMR23625-Q1
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Feature Description (continued)
(8)
The CFF creates a time constant with RFBT that couples in the attenuate output voltage ripple to the FB node. If
the CFF value is too large, it can couple too much ripple to the FB and affect VOUT regulation. Therefore, calculate
CFF based on output capacitors used in the system. At cold temperatures, the value of CFF might change based
on the tolerance of the chosen component. This may reduce its impedance and ease noise coupling on the FB
node. To avoid this, more capacitance can be added to the output or the value of CFF can be reduced.
8.3.8 Bootstrap Voltage (BOOT)
The LMR23625-Q1 provides an integrated bootstrap voltage regulator. A small capacitor between the BOOT and
SW pins provides the gate-drive voltage for the high-side MOSFET. The BOOT capacitor is refreshed when the
high-side MOSFET is off and the low-side switch conducts. The recommended value of the BOOT capacitor is
0.1 μF. TI recommends a ceramic capacitor with an X7R or X5R grade dielectric with a voltage rating of 16V or
higher for stable performance over temperature and voltage.
8.3.9 Overcurrent and Short-Circuit Protection
The LMR23625-Q1 is protected from overcurrent conditions by cycle-by-cycle current limit on both the peak and
valley of the inductor current. Hiccup mode is activated if a fault condition persists to prevent overheating.
High-side MOSFET overcurrent protection is implemented by the nature of the peak-current-mode control. The
HS switch current is sensed when the HS is turned on after a set blanking time. The HS switch current is
compared to the output of the error amplifier (EA) minus slope compensation every switching cycle. See the
Functional Block Diagram for more details. The peak current of HS switch is limited by a clamped maximum-
peak-current threshold IHS_LIMIT, which is constant. So the peak-current limit of the high-side switch is not affected
by the slope compensation and remains constant over the full duty-cycle range.
The current going through LS MOSFET is also sensed and monitored. When the LS switch turns on, the inductor
current begins to ramp down. The LS switch is not turned OFF at the end of a switching cycle if its current is
above the LS current limit ILS_LIMIT. The LS switch is kept ON so that inductor current keeps ramping down, until
the inductor current ramps below the LS current limit ILS_LIMIT. The LS switch is then turned OFF, and the HS
switch is turned on after a dead time. This is somewhat different than the more typical peak-current limit and
results in Equation 9 for the maximum load current.
(9)
If the current of the LS switch is higher than the LS current limit for 64 consecutive cycles, hiccup current
protection mode is activated. In hiccup mode the regulator is shut down and kept off for 5 ms typically before the
LMR23625-Q1 tries to start again. If overcurrent or short-circuit fault condition still exists, hiccup repeats until the
fault condition is removed. Hiccup mode reduces power dissipation under severe overcurrent conditions,
prevents overheating and potential damage to the device.
For FPWM option, the inductor current is allowed to go negative. If this current exceeds IL_NEG, the LS switch is
turned off until the next clock cycle. This is used to protect the LS switch from excessive negative current.
8.3.10 Thermal Shutdown
The LMR23625-Q1 provides an internal thermal shutdown to protect the device when the junction temperature
exceeds 170°C (typical). The device is turned off when thermal shutdown activates. Once the die temperature
falls below 155°C (typical), the device reinitiates the power-up sequence controlled by the internal soft-start
circuitry.


Similar Part No. - LMR23625-Q1_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625-Q1 TI1-LMR23625-Q1_16 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
More results

Similar Description - LMR23625-Q1_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_16 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com