Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210C224KARACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210C224KARACTU
Description  SMD Comm X7R Tip-Ring, Ceramic, 0.22 uF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, SnPb Termination, 1210
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C224KARACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1210C224KARACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/21/2017 - 5db202ac-4181-4e05-a1b0-535b2eca663c
KEMET Part Number: C1210C224KARACTU
(C1210C224KARAC7800)
SMD Comm X7R Tip-Ring, Ceramic, 0.22 uF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, SnPb Termination, 1210
Dimensions
L
3.2mm +/-0.2mm
W
2.5mm +/-0.2mm
T
2.1mm +/-0.20mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2000
General Information
Supplier: KEMET
Series: SMD Comm X7R Tip-Ring
Style: SMD Chip
Description: SMD, MLCC, Temperature
Stable, SnPb Termination
Features: Tin Termination
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Chip Size: 1210
Specifications
Capacitance: 0.22 uF
Capacitance Tolerance: 10%
Voltage DC: 250 VDC
Dielectric Withstanding
Voltage: 625 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5% 1kHz 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 4.545 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1210C224KARACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C224KARACAUTO KEMET-C1210C224KARACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R, Ceramic, 0.22 uF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 1210
More results

Similar Description - C1210C224KARACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C103KARACTU KEMET-C1210C103KARACTU Datasheet
71Kb / 1P
   SMD Comm X7R Tip-Ring, Ceramic, 0.01 uF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, SnPb Termination, 1210
C1210C104KARACTU KEMET-C1210C104KARACTU Datasheet
71Kb / 1P
   SMD Comm X7R Tip-Ring, Ceramic, 0.1 uF, 10%, 250 V, 1210, X7R, SMD, MLCC, Temperature Stable, SnPb Termination
C1812C224KARACTU KEMET-C1812C224KARACTU Datasheet
71Kb / 1P
   SMD Comm X7R Tip-Ring, Ceramic, 0.22 uF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, SnPb Termination, 1812
C2220C474KARACTU KEMET-C2220C474KARACTU Datasheet
71Kb / 1P
   SMD Comm X7R Tip-Ring, Ceramic, 0.47 uF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, SnPb Termination, 2220
C1206C103KARACTU KEMET-C1206C103KARACTU Datasheet
71Kb / 1P
   Ceramic, SMD Comm X7R Tip-Ring, 0.01 uF, 10%, 250 V, 1206, X7R, SMD, MLCC, Temperature Stable, SnPb Termination
C1812C334KARACTU KEMET-C1812C334KARACTU Datasheet
72Kb / 1P
   SMD Comm X7R Tip-Ring, Ceramic, 0.33 uF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, SnPb Termination, 1812
C1206C473KARACTU KEMET-C1206C473KARACTU Datasheet
72Kb / 1P
   SMD Comm X7R Tip-Ring, Ceramic, 0.047 uF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, SnPb Termination, 1206
C1825C824KARACTU KEMET-C1825C824KARACTU Datasheet
72Kb / 1P
   SMD Comm X7R Tip-Ring, Ceramic, 0.82 uF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, SnPb Termination, 1825
C1812C104KARACTU KEMET-C1812C104KARACTU Datasheet
72Kb / 1P
   SMD Comm X7R Tip-Ring, Ceramic, 0.1 uF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, SnPb Termination, 1812
C2225C125KARACTU KEMET-C2225C125KARACTU Datasheet
71Kb / 1P
   SMD Comm X7R Tip-Ring, Ceramic, 1.2 uF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, SnPb Termination, 2225
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com