Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

A1181 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part No. A1181
Description  Two-Wire, Programmable, Chopper-Stabilized, Unipolar Hall-Effect Switch
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

A1181 Datasheet(HTML) 1 Page - Allegro MicroSystems

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
A1180 – A1184
Preliminary Data Sheet
PRELIMINARY DATA SHEET
SUBJECT TO CHANGE WITHOUT NOTICE
Two-Wire, Programmable, Chopper-Stabilized,
Unipolar Hall-Effect Switch
See typical application drawing for UA pinning.
The A118X is a two-wire, unipolar, Hall-effect switch family designed
for use in high-temperature applications. This device uses a patented high
frequency chopper-stabilization technique on Allegro's new DABIC5
BiCMOS wafer fabrication process to achieve magnetic stability and to
eliminate offset inherent in single-element devices and from harsh-
application environments.
The A118X FAMILY of devices incorporates a programmability
function to allow for external trimming of the operate point.
The
programming is performed after final packaging of the sensor and
placement of the Single In-Line Package (SIP) into the application. This
advanced feature allows for optimization of sensor switching performance
by effectively accounting for variations caused by magnet and SIP
placement tolerances.
These devices provide on-chip transient protection. A zener clamp on
the power supply protects against over-voltage conditions on the supply
line.
The output of the A118X FAMILY, with the exception of the A1180/2,
will switch HIGH in the presence of a sufficiently large south-pole magnetic
field and will switch LOW with the removal of the field. The A1180/2 has
the opposite polarity as the others, switching LOW in the presence of a
sufficient magnetic field and HIGH with the removal of the field.
Two package styles provide a magnetically optimized package for
most applications.
Suffix “LH” is a miniature low profile package for
surface-mount applications; suffix “UA” is a three-lead ultra-mini Single
Inline Package (SIP) for through-hole mounting.
Factory programmed versions also available, see A1140/42/43/45.
Programming software and/or hardware demonstration kits also available
see ASEK-01 on the Allegro web site, www.allegromicro.com.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
VCC …………………………………….. 26.5 V
Reverse-Battery Voltage
VRB ……………………………………… -18 V
Magnetic Flux Density
B …………………………………… Unlimited
Package Power Dissipation
θja,
UA…………………………………. 206 °C/W
LH
1……………………………….….248 °C/W
Junction Temperature, TJ ……………….. +170°C
Operating Temperature Range, TA
Suffix “E” …………….……. - 40 °C to + 85 °C
Suffix “L” …………………. - 40 °C to + 150 °C
Storage Temperature Range
TS ………………………… -65 °C to +170 °C
FEATURES / BENEFITS
♦ Chopper Stabilization
s Extremely low switch-point drift
s Low stress sensitivity
♦ One-time external programmability
s Operate Point
♦ On-chip Protection
s Supply transient protection
s Robust ESD/EMC protection
s Reverse-battery protection
♦ On-board Voltage Regulator
s 3.8 V to 24 V operation
Order by complete part number (i.e. A1182LUA).
1 The “LH” PPD is based on a 0.062" thick FR4, single-sided board using 2 oz. copper, with a 0.55 mm2 area of copper attached to the ground lead.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn