Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKI-1362-AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EKI-1362-AE
Description  IoT Gateway Starter Kit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EKI-1362-AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EKI-1362-AE Datasheet HTML 1Page - Advantech Co., Ltd. EKI-1362-AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
IoT Gateway Starter Kit
Packing List
Part Number
Description
ARK-1123H or
ARK-2121L
IoT Gateway with WES7E, 4GB DDR3 Memory, 500GB
HDD
1757004096-01
100-240V 36W 12V ADAPTER for ARK-1123H
96PSA-A65W19P2-2
100-240V 65W 19V ADAPTER for ARK-2121L
32EMRMP31A
WISE-PaaS/RMM pro version /1 agent built in
32EMRMP313
3hrs consulting service
-
IoT Developer Forum VIP Access
Optional Items
Part Number
Description
1700001524
Power Cable 3-pin 180cm, USA type
(For power adapter 96PSA-A36W12W6-1)
170203183C
Power Cable 3-pin 180cm, Europe type
(For power adapter 96PSA-A36W12W6-1)
170203180A
Power Cable 3-pin 180cm, UK type
(For power adapter 96PSA-A36W12W6-1)
1700008921
Power Cable 3-pin PSE Mark 183cm
(For power adapter 96PSA-A36W12W6-1)
AMK-V003E
VESA mounting kit for ARK-1123
AMK-V004E
VESA mounting kit for ARK-2121
AMK-R001E
DIN-rail mounting kit for ARK-1123
AMK-R004E
DIN-rail mounting kit for ARK-2121
AMK-W001E
Wall mounting kit for ARK-1123
EKI-1221-BE
1-port Modbus Gateway
EKI-1222-BE
2-port Modbus Gateway
EKI-1224-BE
4-port Modbus Gateway
EKI-1361-AE
1-port RS-232/422/485 to 802.11b/g/n WLAN Serial Device Server
EKI-1362-AE
2-port RS-232/422/485 to 802.11b/g/n WLAN Serial Device Server
EKI-1521-BE
1-port RS-232/422/485 Serial Device Server
EKI-1522-BE
2-port RS-232/422/485 Serial Device Server
EKI-1524-BE
4-port RS-232/422/485 Serial Device Server
Ordering Information
Part Number
CPU
Memory Storage
OS
HDMI GbE USB
2.0
USB
3.0
RS-232/
422/485 Audio
MiniPCIe Power
Input
mSATA Operating
Temperature*
IG-ARK1123-H431A
Intel Celeron
J1900 SoC
4 GB
500GB 2.5"
SATAII HDD
WES7E
2
2
2
1
1
Line in
Line out
1 Full size
12 VDC
1
-20 ~ 60° C
IG-ARK2121-L431A
Intel Celeron
J1900 SoC
4 GB
500GB 2.5"
SATAII HDD
WES7E
1
2
3
1
2
Lin-out,
Line-in, MIC
1 Full size
9 ~ 36 VDC 1
-20 ~ 70° C
* If select industrial grade memory and SSD.
Gateway Software Packages
IoT Data & Gateway Management
Enable Data Analytic Services
Provide data acquisition and protocol unication
with standard MQTT to cloud for data analytic and
prediction.
Remote control connected gateway system and
I/O with dashboard console and RESTful APIs.
Inspects the condition of connected devices and
software through dashboard and system
management console.
100+ RESTful APIs for IoT application development
with advanced Application Logic Designer (Node
RED).
Data Management
Remote Control
Gateway Monitoring
Application Intelligence
Virtual Machines
Online Consulting
Online Forum
Access WISE-PaaS/RMM congured to run in Azure
Marketplace. Deploy with condence knowing that
each solution has been vetted through Microsoft
Azure.
Machine Learning
Bring your own data and leverage a variety of
machine learning services such as forecasting,
product recommendations for predict maintenance.
Power BI
Azure and PowerBI provide a complete set of
services for data analytics from data processing
through visualization.
Event Hubs
Cloud-scale telemetry ingestion from websites, apps,
and devices.
Microsoft Azure ocial site provides free trial for customer to sign up and get $200 to
spend on all Azure services
Gateway SDK
12+ WISE Agent Handler
Development Tools
Technical White Paper
Developer Training Guide
Board Level SDK
Yocto Linux BSP (x86/ARM)
Win10 IoT Core BSP
Library: Alljoyn, IoTivity, MQTT
SUSI API, SQL Lite,
Gateway Security
OpenSSL
Microsoft BitLocker
Advantech Security ID (iManager)
Intel® McAfee Security Support
Application Logic
RESTful APIs Packages
Node RED Application Logic
Editor
Provides 3 hours of online consulting service. Online
technical support system is ready to serve 24/7. You
can use your exclusive account to submit, manage,
and track issues.
When you join the IoT Developer forum, you will
receive the latest versions of software resources and
video training courses. iotforum.advatech.com
Software Development Kit
Technical Support Service
Discussion
Resource Download


Similar Part No. - EKI-1362-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-1362-MB ADVANTECH-EKI-1362-MB Datasheet
430Kb / 2P
   1-Port RS-232/422/485 to 802.11a/b/g/n WLAN Serial Device Server
28-Oct-2020
More results

Similar Description - EKI-1362-AE

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1031235 PHOENIX-1031235 Datasheet
234Kb / 5P
   IoT gateway - CLOUD IOT GATEWAY
logo
Multi-Tech Systems, Inc...
86002244 MULTITECH-86002244 Datasheet
1Mb / 8P
   IoT Programmable Gateway
2022-09
logo
Advantech Co., Ltd.
ESRP-PCS-ECU1051 ADVANTECH-ESRP-PCS-ECU1051 Datasheet
765Kb / 2P
   Edge Intelligent IoT Gateway
ESRP-CSS-U2372 ADVANTECH-ESRP-CSS-U2372 Datasheet
644Kb / 2P
   Azure IoT Edge Starter Kit with UNO-2372
21-Dec-2022
logo
AAEON Technology
AIOT-IGWS01 AAEON-AIOT-IGWS01 Datasheet
338Kb / 2P
   Industrial Automation IoT Gateway
logo
Advantech Co., Ltd.
ESRP-AWS-UNO137 ADVANTECH-ESRP-AWS-UNO137 Datasheet
496Kb / 2P
   Amazon IoT Greengrass Starter Kit with UNO-137
22-Dec-2022
ESRP-AWS-U2484 ADVANTECH-ESRP-AWS-U2484 Datasheet
878Kb / 2P
   Amazon IoT Edge Starter Kit with UNO-2484
22-Dec-2022
ESRP-CSS-U2484 ADVANTECH-ESRP-CSS-U2484 Datasheet
899Kb / 2P
   Azure IoT Edge Starter Kit with UNO-2484
22-Dec-2022
ESRP-AWS-U2372 ADVANTECH-ESRP-AWS-U2372 Datasheet
682Kb / 2P
   Amazon IoT Greengrass Starter Kit with UNO-2372
21-Dec-2022
EIS-DK10 ADVANTECH-EIS-DK10 Datasheet
954Kb / 2P
   Edge Intelligence Server and Microsoft Azure IoT Starter Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com