Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-6898C3-U4A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-6898C3-U4A1E
Description  7th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-6898C3-U4A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-6898C3-U4A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-6898C3-U4A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
7th Gen Intel Core/Celeron Processors
COM Express Compact Module Type 6
SOM-6898
ƒ 7th Gen Intel Core i7/i5/i3/Celeron w/ integrated PCH-LP
ƒ Support Dual Channel DDR4 2133 SODIMM up to 32GB
ƒ Integrated GFx supports HEVC, VP8, VP9 HW Transcode
ƒ Flexible PCI Express up to 8 lanes
ƒ Supports iManager, WISE-PaaS/RMM, and Embedded Software APIs
Software APIs:
Utilities:
Specifications
Compliance
Form-Factor
COM Express Compact Module
Pin-out Type
COM Express R2.1 Type 6 pin out
Platform
SoC
i7-7600U
i5-7300U
i3-7100U
Celeron3965U
Base Frequency
2.8 GHz
2.6 GHz
2.4 GHz
2.2 GHz
Turbo Boost Freq.
3.9 GHz
3.5 GHz
N/A
N/A
Core/Tread
2/4
2/4
2/4
2/2
LLC
4M
3M
3M
2M
CPU TDP
15W
15W
15W
15W
Chipset
integrated in CPU
BIOS
AMI EFI BIOS
Memory
Technology
DDR4 2133
ECC Support
Not supported
Channel/Socket
Dual channels / 2 sockets
Max. Capacity
32GB
Graphics
Controller
Intel® HD Graphics 620
Intel® HD Graphics 620
Intel® HD Graphics 620
Intel® HD Graphics 610
Base/Turbo Freq.
300MHz/1.15GHz
300MHz/1.10GHz
300MHz/1GHz
300MHz/900MHz
Graphics Memory
Intel DVMT
3D/HW Acceleration
Direct3D 2015/11.2/11.1/10/9, Direct2D, OpenGL 5.0, OpenCL 2.1/2.0/1.2
HW Decode: H.265/HEVC, H.264/AVC, VP9, VP8, MPEG2, WMV9/VC1, JPEG/MJPEG
HW Encode: H.265/HEVC, H.264/AVC, VP9, VP8, MPEG2, JPEG
Display
VGA
Support up to 1920 x 1200 @ 60 Hz
LCD
LVDS support 2 channels 18/24-bit, up to 1920 x 1200 @ 60Hz
Optional eDP up to 3840 x 2160 @ 60Hz 24bpp or 4096 x 2304 @ 60Hz 24bpp
DDI
1 Ports, optional 2 while remove VGA, configurable to HDMI1.4/DVI/Displayport1.2
HDMI up to 4096 x 2160 @ 24Hz 24bpp
DVI up to 1920 x 1080 @ 60Hz
DP up to 3840 x 2160 @ 60Hz 24bpp or 4096 x 2304 @ 60Hz 24bpp
Multiple Display
Support 3 independent display
Expansion
PCI Express x16
Not available
PCI Express x1
PCI Express Gen3 (8.0 GT/s)
4 PCIe x1 + 1 PCIe x4, 5 PCIex1 (Optional)
Audio Interface
Intel HD Audio
LPC
Yes (24MHz)
Serial Bus
SMBus
Yes
I2C Bus
Yes
Ethernet
Controller
Intel i219LM
Speed
10/100/1000 Mbps
I/O
SATA
Supports 2 SATA 3.0 (6 Gbit/s), optional support 3 SATA 3.0 (6 Gbit/s)
Support RAID 0/1/5/10, AHCI 1.3/1.3.1
USB3.0
4 Ports
USB2.0
8 Ports
SPI Bus
For BIOS only
GPIO
8-bit GPIO
eMMC
Optional
Watchdog
65536 level, 0 ~ 65535 sec
COM Port
2 Ports (2-wire, support console redirection)
Express Card
2 ports
TPM
TPM2.0 (Infineon SLB9665)
Smart Fan
2 Ports; 1 Port on COM Module. Support 12V Fan, 1 Port on Carrier Board
Power
Type
ATX: Vin, VSB; AT: Vin
Supply Voltage
Vin: 8.5V (9V-5%) ~ 20V (19+5%); VSB: 5V ±5%
Power Consumption
Burn in: 17.9W
Idle: 4.4W
*Only for reference and will depends on custom software loading, detail refer to user manual
Environment
Temperature
Operating : 0 ~ 60° C (32 ~ 140° F), (Extend model -40 ~ 85° C)
Storage : -40 ~ 85° C (-40 ~ 185° F)
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Vibration Resistance
3.5 Grms
Mechanical
Dimensions
95 x 95 mm (3.74" x 3.74")
NEW
Brightness
Control
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Monitoring
BIOS flash
Embedded
Security ID
All product specifications are subject to change without notice.
Last updated: 3-Oct-2017


Similar Part No. - SOM-6898C3-U4A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6894 ADVANTECH-SOM-6894 Datasheet
567Kb / 2P
   Supports Dual Channel DDR3L 1600 SODIMM sockets up to 16 GB
SOM-6894C3-S7A1E ADVANTECH-SOM-6894C3-S7A1E Datasheet
567Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM Express짰 Compact Module
SOM-6894C3-S7A1E ADVANTECH-SOM-6894C3-S7A1E Datasheet
567Kb / 2P
   Supports Dual Channel DDR3L 1600 SODIMM sockets up to 16 GB
SOM-6894C3Z-S7A1E ADVANTECH-SOM-6894C3Z-S7A1E Datasheet
567Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM Express짰 Compact Module
SOM-6894C3Z-S7A1E ADVANTECH-SOM-6894C3Z-S7A1E Datasheet
567Kb / 2P
   Supports Dual Channel DDR3L 1600 SODIMM sockets up to 16 GB
More results

Similar Description - SOM-6898C3-U4A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5898 ADVANTECH-SOM-5898 Datasheet
900Kb / 2P
   7th Gen Intel Core/Celeron Processors COM Express Basic Module Type 6
SOM-6897 ADVANTECH-SOM-6897_V01 Datasheet
902Kb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
30-May-2018
SOM-6896_15 ADVANTECH-SOM-6896_15_12 Datasheet
965Kb / 2P
   5th Gen Intel Core / Celeron Processors COM Express Compact Module Type 6
SOM-6897 ADVANTECH-SOM-6897 Datasheet
1Mb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
SOM-6897 ADVANTECH-SOM-6897_17 Datasheet
888Kb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
SOM-5897 ADVANTECH-SOM-5897 Datasheet
954Kb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Basic Module Type 6
SOM-5897 ADVANTECH-SOM-5897_V01 Datasheet
636Kb / 2P
   6th Gen Intel Xeon/Core/Celeron Processors COM Express Basic Module Type 6
18-Aug-2020
logo
DFI Inc
KU968 DFI-KU968 Datasheet
1Mb / 2P
   7th Gen Intel Core Processor COM Express Compact
logo
AAEON Technology
COM-SKUC6_KBUC6 AAEON-COM-SKUC6_KBUC6 Datasheet
503Kb / 2P
   COM Express Type 6 Compact Size with 6th/7th Gen Intel ® Core™ U Processors
2022/09/01
logo
DFI Inc
KH960-HM175 DFI-KH960-HM175 Datasheet
838Kb / 2P
   7th Gen Intel Core Processor COM Express Basic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com