Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-7565A2 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-7565A2
Description  Intel Atom Processor N2600/N2800 COM Express Mini Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-7565A2 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-7565A2 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-7565A2 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-7565 A2
NM10
Intel Atom
N2600/ N2800
Up to 4GB Onboard Memory
Ethernet
Giga LAN
82574L
3 PCIe x1
HDA
8 USB 2.0
1 PCIe x1
iManager
WDT / GPIO / I2C
SMBus
SPI BIOS
SPI Bus
Serial Port/ FAN
IMVP 7
Onboard Flash
DMI
DDR3 800/1066
SATAII
LPC BUS
Single Channel 18-bit LVDS
1 HDMI/DVI/DP Port
1 SATA II
Ordering Information
P/N
CPU
L2
Cache Chipset
On board
Memory
On board
Flash
LVDS
HDMI/
DVI/ DP
PCIe
x1
HD
Audio GbE SATAII USB 2.0 LPC SMBus
Thermal
Solution
Operation
Temp.
SOM-7565S4-S6A2E
N2600
1 MB
NM10
2 GB
SLC 4 GB
18-bit
1
3
Yes
1
1
8
Yes
Yes
Passive
0 ~ 60° C
SOM-7565S0-S6A2E
N2600
1 MB
NM10
2 GB
None
18-bit
1
3
Yes
1
1
8
Yes
Yes
Passive
0 ~ 60° C
SOM-7565S0Z-S6A2E
N2600
1 MB
NM10
2 GB
None
18-bit
1
3
Yes
1
1
8
Yes
Yes
Passive
-20 ~ 80° C
SOM-7565S0Z2-S6A2E
N2600
1 MB
NM10
2 GB
None
18-bit
1
3
Yes
1
1
8
Yes
Yes
Passive
-40 ~ 85° C
SOM-7565M4-S6A2E
N2600
1 MB
NM10
2 GB
MLC 4 GB
18-bit
1
3
Yes
1
1
8
Yes
Yes
Passive
0 ~ 60° C
SOM-7565M8-S8A2E
N2800
1 MB
NM10
4 GB
MLC 8 GB
18-bit
1
3
Yes
1
1
8
Yes
Yes
Passive
0 ~ 60° C
Note: Passive = fanless; Active = with fan
Development Board
Part No.
Description
SOM-DB5800-U0A2E
COM Express® Development Board A2 for Type 10
Packing List
Part No.
Description
Quantity
-
SOM-7565 CPU Module
-
1960055344N001
Heatspreader
1
Optional Accessories
Part No.
Description
1960056280N001
Semi-Heatsink 84L x 55W x 13.2H mm (0 ~ 60° C)
96LEDK-I057VG50NA1
5.7" LED PANEL 500N 640 x 480(G)
96LEDK-A084SV45NB2
8.4" LED PANEL 450N 800 x 600(G) G084SN05 V9
(V901)
Embedded OS
OS
Part Number
Description
WES7P
2070011201
WES7P SP1 x32 SOM-7565 V5.1.9 ENG
XPE
2070011778
XPE WES2009 SOM-7565 V4.3 ENG


Similar Part No. - SOM-7565A2

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7565 ADVANTECH-SOM-7565 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2000 Series COM Express Mini Module Pin-out Type 10
SOM-7565-A2 ADVANTECH-SOM-7565-A2_15 Datasheet
804Kb / 2P
   Intel짰 Atom??Processor N2600/N2800 COM Express짰 Mini Module
SOM-7565M4-S6A1E ADVANTECH-SOM-7565M4-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2000 Series COM Express Mini Module Pin-out Type 10
SOM-7565M4-S6A1E ADVANTECH-SOM-7565M4-S6A1E Datasheet
948Kb / 2P
   Intel짰 Atom??Processor N2000 Series COM Express Mini Module Pin-out Type 10
SOM-7565M4-S6A1E ADVANTECH-SOM-7565M4-S6A1E Datasheet
948Kb / 2P
   Intel짰 Atom??Processor N2000 Series COM Express Mini Module Pin-out Type 10
More results

Similar Description - SOM-7565A2

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7565-A2 ADVANTECH-SOM-7565-A2_15 Datasheet
804Kb / 2P
   Intel짰 Atom??Processor N2600/N2800 COM Express짰 Mini Module
SOM-7567 ADVANTECH-SOM-7567 Datasheet
1Mb / 2P
   Intel Atom/Celeron Processor COM Express Mini Module
SOM-7562B1 ADVANTECH-SOM-7562B1_14 Datasheet
557Kb / 2P
   Intel Atom Processor N455 COM Express Mini Module
SOM-6765 ADVANTECH-SOM-6765_15 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2600/N2800/D2550 COM Express짰 Compact Module
logo
AAEON Technology
NANOCOM-CV AAEON-NANOCOM-CV Datasheet
259Kb / 2P
   COM Express Type 10 CPU Module with Onboard Intel Atom N2600 Processor
logo
DFI Inc
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
   Intel Atom Processor E3900 Series COM Express Mini
logo
AAEON Technology
GENE-CV05 AAEON-GENE-CV05 Datasheet
347Kb / 2P
   3.5 SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
GENE-CV05 AAEON-GENE-CV05_13 Datasheet
249Kb / 2P
   3.5??SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
logo
List of Unclassifed Man...
EMETXE-I2503 ETC2-EMETXE-I2503 Datasheet
398Kb / 2P
   Intel Atom N2600/ D2550 COM Express Compact Type 2 CPU Module
logo
Advantech Co., Ltd.
SOM-7562B1 ADVANTECH-SOM-7562B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455 COM-Express Mini Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com