Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTPTF-2801EP13 Datasheet(PDF) 1 Page - Central Technologies

Part # CTPTF-2801EP13
Description  SMD PoE Power Transformers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTPTF-2801EP13 Datasheet(HTML) 1 Page - Central Technologies

  CTPTF-2801EP13 Datasheet HTML 1Page - Central Technologies CTPTF-2801EP13 Datasheet HTML 2Page - Central Technologies CTPTF-2801EP13 Datasheet HTML 3Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2014 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 04.02.14
SMD PoE Power Transformers
www.ctparts.com
CTPTF
Series
From 3W to 27W
SPECIFICATIONS
Not Shown at Actual Size
CHARACTERISTICS
Description: SMD Transformers for Power over Ethernet(PoE)
Features:
Designed for 200KHz switching frequency.
Power: 3W~27W
Hipot: 1500Vrms
Three different SMD platforms.
Custom designs available.
Operating Temperature: -40°C to +125°C
Storage Temperature: -55°C to +125°C
Solder reflow temperature: 245°C for 10 seconds maximum
Miscellaneous: RoHS Compliant.
Samples available. See website for ordering information.
Part Number
(1)
Turns Ratio
Pri:Sec:AUX
(2)
Inductance
±10%
(µH)
Input
(3)
Leakage Inductance
Max.
(µH)
(4)
DCR
Max.
(
W)
(5)
Output
Voltage
Pri
Aux
Sec
CTPTf-5011EP7
1:0.083:0.208
500
33~57V, 200KHz
7.5
1.75
0.215
0.015
Vo=3.3V/3W, 8V/20mA
CTPTf-3111EP7
1:0.182:0.682
310
33~57V, 200KHz
5.0
1.60
2.60
0.045
Vo=3.3V/3W, 12V20mA
CTPTf-5012EP7
1:0125:0.208
500
33~57V, 200KHz
7.5
1.75
0.215
0.035
Vo=5.00V/3W, 8V/20mA
CTPTf-3112EP7
1:0.273:0.682
310
33~57V, 200KHz
5.0
1.60
2.65
0.087
Vo=5.00V/3W, 12V/20mA
CTPTf-5211EP7
1:0.286:0.204
521
33~57V, 200KHz
7.5
1.75
0.22
0.100
Vo=12V/3W, 8V/20mA
CTPTf-3113EP7
1:0.682:0.682
310
33~57V, 200KHz
5.0
1.60
2.60
0.55
Vo=12V/3W,12V/20mA
eP7 8PIN SMD
PHySICAl dImENSIONS
eP7 8PIN SMD (Unit: mm)
2.5±0.1
0.7x0.25
8
1
5
4
10.67Max.
13.5Max.
8*1.27
2.50
3
4
2
1
6,5
8,7
PRI
SEC
AUX
Schematic
NOTeS FROM TAbLeS
1.
Turn ratio is with the secondary windings connected in parallel.
L(nom) = Nominal Inductance is for PRI winding, measured at 200KHz,
2.
0.1Vrms, 0Adc.
Leakage inductance measured between PRI with other pins shorted.
3.
DCR for the secondary windings connected in parallel.
4.
Output is with the secondary windings connected in parallel.
5.


Similar Part No. - CTPTF-2801EP13

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CTPT5 LITTELFUSE-CTPT5 Datasheet
258Kb / 1P
   POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
More results

Similar Description - CTPTF-2801EP13

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLTM NIC-NLTM Datasheet
123Kb / 3P
   POE Transformers
logo
Coilcraft lnc.
FA2671-AL COILCRAFT-FA2671-AL Datasheet
191Kb / 1P
   PoE Transformers
DA2420 COILCRAFT-DA2420_13 Datasheet
106Kb / 1P
   PoE Transformers
DA2420-AL COILCRAFT-DA2420-AL Datasheet
81Kb / 1P
   PoE Transformers
POE51Q-24ED COILCRAFT-POE51Q-24ED Datasheet
304Kb / 3P
   High Power PoE Flyback Transformers
Revised 05/18/20
POE300F-33L COILCRAFT-POE300F-33L Datasheet
205Kb / 2P
   PoE Plus Transformers
POE60F-18L COILCRAFT-POE60F-18L_13 Datasheet
156Kb / 2P
   Flyback Transformers for PoE
POE60F-18L COILCRAFT-POE60F-18L Datasheet
202Kb / 2P
   Flyback Transformers for PoE
POE600F COILCRAFT-POE600F_15 Datasheet
414Kb / 2P
   60 W PoE Transformers
logo
Bourns Electronic Solut...
POE-FD BOURNS-POE-FD Datasheet
1Mb / 6P
   POE-FD Series - PoE DC/DC Transformers
Mar 31, 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com