Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U3900BM Datasheet(PDF) 12 Page - TEMIC Semiconductors

Part # U3900BM
Description  Programmable Telephone Audio Processor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3900BM Datasheet(HTML) 12 Page - TEMIC Semiconductors

Back Button U3900BM Datasheet HTML 8Page - TEMIC Semiconductors U3900BM Datasheet HTML 9Page - TEMIC Semiconductors U3900BM Datasheet HTML 10Page - TEMIC Semiconductors U3900BM Datasheet HTML 11Page - TEMIC Semiconductors U3900BM Datasheet HTML 12Page - TEMIC Semiconductors U3900BM Datasheet HTML 13Page - TEMIC Semiconductors U3900BM Datasheet HTML 14Page - TEMIC Semiconductors U3900BM Datasheet HTML 15Page - TEMIC Semiconductors U3900BM Datasheet HTML 16Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
U3900BM
Rev. A2, 25-Aug-98
Target Specification
12 (34)
3
DC Line Interface and
Supply-Voltage Generation
The DC line interface consists of an electronic inductance
and a dual-port output stage which charges the capacitors
at VMPS and VB. The value of the equivalent inductance
is given by:
L = 2
RSENSE
CIND
(RDC
R30) / (RDC + R30)
The U3900BM contains two identical series regulators
which provide a supply voltage VMP of 3.3 V suitable for
a microprocessor. In speech mode, both regulators are
active
because
VMPS
and
VB
are
charged
simultaneously by the DC-line interface. The output
current is 6 mA. The capacitor at VMPS is used to provide
the microcomputer with sufficient power during long line
interruptions. Thus, long flash pulses can be bridged or an
LCD display can be turned on for more than 2 seconds
after going on-hook. When the system is in ringing mode,
VB is charged by the on–chip ringing power converter. In
this mode, only one regulator is used to supply VMP with
maximum 3 mA.
3.1
Supply Structure of the Chip
As main benefit of the U3900BM is the easy implementa-
tion of various applications due to the flexible system
structure of the chip.
Possible applications:
D Group listening phone
D Hands-free phone
D Phones which feature ringing with the built-in speaker
amplifier
D Answering machine with external supply
The special supply topology for the various functional
blocks is illustrated in figure 11.
There are four major supply states:
1.
Speech condition
2.
Power down (pulse dialing)
3.
Ringing
4.
External supply
1. In speech condition, the system is supplied by the line
current. If the LIDET-block detects a line voltage
above approximately 2 V, the internal signal VLON is
activated. This is detected via serial bus, all necessary
the blocks have to be switched on via the serial bus.
For line voltages below 2 V, the switches remain in
quiescent state as shown in the diagram.
2. When the chip is in power-down mode (Bit
LOMAKE), e.g., during pulse dialing, all internal
blocks are disabled via the serial bus, except the
oscillator. In this condition, the voltage regulators and
their internal bandgap are the only active blocks.
3. During ringing, the supply for the system is fed into
VB via the Ringing Power Converter (RPC).
Normally, the speaker amplifier in single-ended mode
is used for ringing. The frequency for the melody is
generated by the DTMF/Melody generator.
4. In an answering machine, the chip is powered by an
external supply via Pin VB. The answering machine
connections could be directly put to U3900BM. The
answering machine is connected to the Pin AMREC.
For the output AMREC, an AGC function is select-
able via the serial bus. The output of the answering
machine will be connected to the Pin AMPB, which is
directly connected to the switching matrix, and thus
enables the signal to be switched to every desired
output.
14573
+
+
3.3 V
5.5 V
VMPS
VMP
5.5 V
V
470
µF
300 k
+
R
47
µF
220
µF
1
µF
10
RSENSE
R
IND
C
VL
VB
Figure 12. Supply generator
4
Ringing Power Converter
(RPC)
The RPC transforms the input power at VRING (high
voltage/ low current) into an equivalent output power at
VB (low voltage/ high current) which is capable of
driving the low-ohmic loudspeaker. The input impedance
at VRING is adjustable from 3 k
W to 12 kW by RIMPA
(ZRING = RIMPA / 100) and the efficiency of the step-
down converter is approximately 65%.


Similar Part No. - U3900BM

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
U3910 KERSEMI-U3910 Datasheet
3Mb / 10P
   Ultra Low On-Resistance
More results

Similar Description - U3900BM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4091BM-R ATMEL-U4091BM-R Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
logo
TEMIC Semiconductors
U4091BM TEMIC-U4091BM Datasheet
722Kb / 29P
   Programmable Telephone Audio Processor
U4091B TEMIC-U4091B Datasheet
107Kb / 11P
   Programmable Telephone Audio Processor
logo
ATMEL Corporation
U4091BM-N ATMEL-U4091BM-N Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
   Cordless Telephone Signal Processor
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com