Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC857BQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AC857BQ
Description  PNP SMALL SIGNAL TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AC857BQ Datasheet(HTML) 2 Page - Diodes Incorporated

  AC857BQ Datasheet HTML 1Page - Diodes Incorporated AC857BQ Datasheet HTML 2Page - Diodes Incorporated AC857BQ Datasheet HTML 3Page - Diodes Incorporated AC857BQ Datasheet HTML 4Page - Diodes Incorporated AC857BQ Datasheet HTML 5Page - Diodes Incorporated AC857BQ Datasheet HTML 6Page - Diodes Incorporated AC857BQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AC857BQ-AC857CQ
Document Number: DS39359 Rev. 3 - 2
2 of 7
www.diodes.com
April 2017
© Diodes Incorporated
AC857BQ-AC857CQ
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5.0
V
Continuous Collector Current
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Peak Emitter Current
IEM
-200
mA
Peak Base Current
IBM
-200
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
310
mW
(Note 7)
350
Thermal Resistance, Junction to Ambient
(Note 6)
RθJA
403
°C/W
(Note 7)
357
Thermal Resistance, Junction to Leads
(Note 8)
RθJL
350
°C/W
Operating and Storage Temperature Range
TJ,TSTG
-65 to +150
°C
ESD Ratings (Note 9)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
6. For a device mounted on minimum recommended pad layout 1oz copper that is on a single-sided FR-4 PCB; device is measured under still air
conditions whilst operating in a steady-state.
7. Same as Note 6, except the device is mounted on 15mm x 15mm 1oz copper.
8. Thermal resistance from junction to solder-point (at the end of the leads).
9. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


Similar Part No. - AC857BQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AC857BSQ DIODES-AC857BSQ Datasheet
316Kb / 5P
   45V DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
AC857BSQ-7 DIODES-AC857BSQ-7 Datasheet
316Kb / 5P
   45V DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - AC857BQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBTA55 DIODES-MMBTA55_15 Datasheet
471Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC856AQ DIODES-BC856AQ Datasheet
382Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
November 2019 Rev. 1 - 2
BC856A DIODES-BC856A_15 Datasheet
359Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT2907A DIODES-MMBT2907A_15 Datasheet
389Kb / 7P
   60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT5401 DIODES-MMBT5401_15 Datasheet
313Kb / 7P
   150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT3906 DIODES-MMBT3906_15 Datasheet
301Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC807 DIODES-BC807_15 Datasheet
251Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
AMBTA92Q DIODES-AMBTA92Q Datasheet
370Kb / 5P
   300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
May 2018 Rev. 1 - 2
MMBTA92 DIODES-MMBTA92_15 Datasheet
355Kb / 5P
   300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC857CQ DIODES-BC857CQ Datasheet
428Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com