Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC847CQ-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AC847CQ-7
Description  45V NPN SMALL SIGNAL TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AC847CQ-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  AC847CQ-7 Datasheet HTML 1Page - Diodes Incorporated AC847CQ-7 Datasheet HTML 2Page - Diodes Incorporated AC847CQ-7 Datasheet HTML 3Page - Diodes Incorporated AC847CQ-7 Datasheet HTML 4Page - Diodes Incorporated AC847CQ-7 Datasheet HTML 5Page - Diodes Incorporated AC847CQ-7 Datasheet HTML 6Page - Diodes Incorporated AC847CQ-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AC847BQ-AC847CQ
Document number: DS39448 Rev. 1 - 2
1 of 7
www.diodes.com
May 2017
© Diodes Incorporated
AC847BQ-AC847CQ
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Description
AC847BQ-7 and AC847CQ-7 Bipolar Junction Transistor (BJT) are
designed
to
meet
the
stringent
requirements
of
Automotive
Applications.
Features
Ideally Suited for Automatic Insertion
Complementary PNP Types: AC857BQ
– AC857CQ
For Switching and AF Amplifier Applications
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. "Green" Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT23
Case Material: Molded Plasti
c, ―Green‖ Molding Compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.008 grams (Approximate)
Ordering Information (Notes 4 & 5)
Product
Compliance
Marking
Reel Size (inches)
Quantity per Reel
AC847BQ-7
Automotive
2D1
7
3,000
AC847CQ-7
Automotive
2C9
7
3,000
Notes: 1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/product_compliance_definitions.html.
5. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2016
2017
2018
2019
2020
2021
2022
2023
2024
2025
2026
2027
Code
D
E
F
G
H
I
J
K
L
M
N
O
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT23
C
E
B
Device Symbol
Top View
Pin-Out
XX
XXX = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: D = 2016)
M or M = Month (ex: 9 = September)
SOT23


Similar Part No. - AC847CQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AC847CWQ-7 DIODES-AC847CWQ-7 Datasheet
330Kb / 6P
   NPN SMALL SIGNAL TRANSISTOR
More results

Similar Description - AC847CQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC817-16 DIODES-BC817-16_16 Datasheet
375Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR
BC847AT DIODES-BC847AT_16 Datasheet
316Kb / 6P
   45V NPN SMALL SIGNAL TRANSISTOR
BC847BFA DIODES-BC847BFA Datasheet
284Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR
BC847BFAQ DIODES-BC847BFAQ Datasheet
395Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR
BC847CDLP DIODES-BC847CDLP_15 Datasheet
204Kb / 6P
   45V DUAL NPN SMALL SIGNAL TRANSISTOR
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC847BLP DIODES-BC847BLP_11 Datasheet
135Kb / 5P
   45V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BFZ DIODES-BC847BFZ Datasheet
217Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
March 2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com