Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TK2050 Datasheet(PDF) 1 Page - Tripath Technology Inc.

Part No. TK2050
Description  STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPATH [Tripath Technology Inc.]
Homepage  http://www.etelos.com/
Logo 

TK2050 Datasheet(HTML) 1 Page - Tripath Technology Inc.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
1
TK2050 – SB/1.0/8-02
TK2050
STEREO 50W (8
Ω) CLASS-T™ DIGITAL AUDIO AMPLIFIER
DRIVER USING DIGITAL POWER PROCESSING (DPP™)
TECHNOLOGY
Technical Information
Rev i sion 1.1 – October 2002
GENERAL DESCRIPTION
T he T K 2050 (T C2000/T P 2050 chipset) is a 50W continuous average pow e r per
channel, Class-T Digital Audio Pow e r Amplifie r using T r ipath’s proprietary Digital
Pow e r Processing
TM technology . Class-T amplifiers offer both the audio fidelity of
Class-AB and the pow er efficiency of Class-D amplifiers. T he performance of the
T K 2050 is similar to the T K 2051, but t he T P 2050 driver used in the T K 2050 is a
thermally enhanced PSOP package, w h ich provides for a more effective and
flexible heat removal solution.
APPLICATIONS
5.1-Channel DVD
Mini/Micro Component Systems
Home Theater
Stereo applications (6Ω / 8Ω)
Mono applications (4Ω)
BENEFITS
Single Supply Operation
Very High Efficiency
Wide Dynamic Range
Compact layout
FEATURES
Class-T Architecture
High Output power
35W @ 6
Ω, < 1% THD+N
50W @ 8
Ω, < 3% THD+N
117W @ 4
Ω, < 10.0% THD+N
(paralleled outputs)
Audiophile Quality Sound
0.007% THD+N @ 30W 8
0.005% THD+N @ 70W 4
(paralleled outputs)
High Efficiency
92% @ 60W 8Ω
85% @ 46W 6Ω
89% @ 117W 4Ω
(paralleled outputs)
Dynamic Range >100 dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn