Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC20402402 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # TC20402402
Description  Phase Control Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

TC20402402 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  TC20402402 Datasheet HTML 1Page - Powerex Power Semiconductors TC20402402 Datasheet HTML 2Page - Powerex Power Semiconductors TC20402402 Datasheet HTML 3Page - Powerex Power Semiconductors TC20402402 Datasheet HTML 4Page - Powerex Power Semiconductors TC20402402 Datasheet HTML 5Page - Powerex Power Semiconductors TC20402402 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC20__2402
Phase Control Thyristor
Powerex, Inc., 173 Pavilion Ln, Youngwood, PA 15697-1800 (724)925-7272 www.pwrx.com
2450Amperes 4400Volts
Electrical Characteristics, Tj=25°C unless otherwise specified
Rating
Characteristic
Symbol
Test Conditions
min
typ
max
Units
Repetitive Peak Forward
Leakage Current
IDRM
Tj=125°C, VDRM=Rated
300
ma
Repetitive Peak Reverse
Leakage Current
IRRM
Tj=125°C, VRRM=Rated
300
ma
Peak On-State Voltage
VTM
Tj=125°C, ITM=3000A
1.80
V
VTM Model, Low Level
V0
Tj=125°C
0.990
V
VTM = VO + r•ITM
r
15%
ITM - π•ITM
2.71E-04
Ω
VTM Model, High Level
V0
Tj=125°C
0.698
V
VTM = VO + r•ITM
r
π•I
TM - ITSM
3.04E-04
Ω
VTM Model, High Level
4-Term
A
Tj=125°C
0.191
VTM= A + B•Ln(ITM) +
B
15%ITM - ITSM
0.181
C•(I
TM) + D•(ITM)
½
C
3.56E-04
D
-1.66E-02
Turn-On Delay Time
td
VD = 0.5•VDRM
1.5
us
Gate Drive: 40V - 20Ω
Turn-Off Time
tq
Tj=125°C
500
us
dv/dt = 20V/us to 67% VDRM
dv/dt(Crit)
dv/dt
Tj=125°C Exp. Waveform
1000
V/us
VD =67% Rated
Gate Trigger Current
IGT
Tj=25°C VD = 12V
30
150
300
ma
Gate Trigger Voltage
VGT
0.8
2.0
4.5
V
Peak Reverse Gate Voltage
VGRM
5
V
Thermal Characteristics
Rating
Characteristic
Symbol
Test Conditions
min
typ
max
Units
Thermal Resistance
Junction to Case
jc
Double side cooled
0.009
°C/Watt
Case to Sink
cs
Double side cooled
0.0025
°C/Watt
Thermal Impedance Model
jc
Double side cooled
jc(t) = Σ(A(N)•(1-exp(-t/Tau(N))))
where:
N =
1
2
3
4
A(N
) = 2.00E-04 1.50E-03 3.20E-03 4.10E-03
Tau(N) = 2.62E-03 2.31E-02 3.05E-01 3.30E+00
Page 3


Similar Part No. - TC20402402

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
TC204024 POWEREX-TC204024 Datasheet
229Kb / 6P
   Phase Control Thyristor 2450Amperes 4400Volts
More results

Similar Description - TC20402402

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com