Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCE-3B12-08 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCE-3B12-08
Description  348mm Depth 4U Rackmount Chassis for Half-size SBC or ATX Motherboard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCE-3B12-08 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCE-3B12-08 Datasheet HTML 1Page - Advantech Co., Ltd. PCE-3B12-08 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Chassis
Features
ACP-4020
348mm Depth 4U Rackmount Chassis for
Half-size SBC or ATX Motherboard
ƒ 4U rackmount chassis, only 348 mm depth
ƒ Supports 14-slot BP for half-size SBC or ATX/MicroATX motherboard
ƒ Shock-resistant disk drive bay holds one internal 2.5", and two
front-accessible 3.5" drives, plus one slim optical disk drive
ƒ Dual front USB 3.0 ports
ƒ Front-accessible system fan without opening top cover for easy maintenance
ƒ LED indicators and alarm notification for system fault detection
ƒ Smart fan speed control
ƒ Built-in Intrusion switch function
ƒ Built-in Intelligent System Module enabling whole system fan control and
remote manageability
Specifications
Drive Bay
External
Internal
Slim ODD
1
-
3.5"
2
-
2.5"
-
1
Cooling
Fan
2 (9 cm / 53 CFM)
Air Filter
Yes
Front I/O Interface
USB 3.0*
2
Miscellaneous
LED Indicators
Power, HDD, temperature, fan, LAN1, and LAN2
Rear Panel
Backplane version: One 9-pin D-Sub opening
Motherboard version: Five 9-pin D-Sub and one 25-pin D-Sub openings
System Monitoring
Chassis intrusion switch
Intelligent System Module
Remote Monitoring
CPU/System fan speed , CPU/System temperature , motherboard voltage
(Only selected Advantech MBs/CPU cards with WISE-PaaS/RMM installed can fully enable these functions, check with Advantech local rep. for detailed information.)
Environment
Operating
Non-Operating
Temperature
0 ~ 40 °C (32 ~ 104 °F)
-20 ~ 60 °C (-4 ~ 140 °F)
Humidity
10 ~ 85% @ 40 °C, non-condensing
10 ~ 95% @ 40 °C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
Physical Characteristics
Dimensions (W x H x D)
482 x 177 x 348 mm (19" x 7.0" x 13.7")
Weight
8.5 kg (18.7 lb)
The USB 3.0 ports do not operate if the motherboard has no on-board USB 3.0 box header.
Front View
Inside View
Open Front Door
MB version
BP version
Rear View
USB 3.0 x 2
Switch Buttons
Slim ODD
LED indicators
External 3.5"
drive bay x 2
(supports
IPC-DT-3120E)
Front-accessible
fan without
opening top
cover
Thumb screws
250W/300W/
400W SPS
Thumb screws
250W/300W/
400W SPS
Last updated: 13-Sep-2017
All product specifications are subject to change without notice.


Similar Part No. - PCE-3B12-08

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-3B12-08A1E ADVANTECH-PCE-3B12-08A1E Datasheet
192Kb / 1P
   PICMG 1.3 Half-size SHB Backplanes
More results

Similar Description - PCE-3B12-08

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4020 ADVANTECH-ACP-4020_14 Datasheet
1Mb / 2P
   348mm Depth 4U Rackmount Chassis for Half-sized SBC or ATX Motherboard
IPC-941 ADVANTECH-IPC-941 Datasheet
1Mb / 2P
   348mm Depth 4U Rackmount Chassis for ATX Motherboard
30-Mar-2018
ACP-4000MB ADVANTECH-ACP-4000MB Datasheet
190Kb / 2P
   4U Rackmount Chassis for ATX Motherboard
IPC-619 ADVANTECH-IPC-619_15 Datasheet
794Kb / 2P
   Short-depth 4U rackmount chassis for full-size SBC
ACP-1000 ADVANTECH-ACP-1000 Datasheet
1Mb / 2P
   1U Rackmount Chassis for SBC or ATX/MicroATX Motherboard
IPC-619 ADVANTECH-IPC-619 Datasheet
738Kb / 2P
   Short-depth 4U rackmount chassis for full-size SBC
ACP-1320 ADVANTECH-ACP-1320_13 Datasheet
914Kb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1010 ADVANTECH-ACP-1010 Datasheet
869Kb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
IPC-631 ADVANTECH-IPC-631 Datasheet
945Kb / 2P
   4U Front I/O Short Depth Rackmount Chassis for ATX/MicroATX Motherboard
20-Feb-2020
ACP-4010 ADVANTECH-ACP-4010_12 Datasheet
2Mb / 2P
   4U Rackmount Chassis for ATX/CEB/EEB Motherboard or Full-size SHB/SBC with Dual System Support
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com