Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE39564-6 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE39564-6
Description  SMA Male to MMCX Plug Right Angle Semi-Flexible Cable 6 Inch Length Using PE-SR405FLJ Coax with HeatShrink, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39564-6 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE39564-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39564-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39564-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39564-6 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: MMCX Plug Right Angle
• Cable Type: PE-SR405FLJ
Features
• Anti-Torque SMA Connector
• Dimensionally and electrically the same as standard,
solid outer conductor semi-rigid coax
• Cable may be formed by hand and does not require
special tools to bend
• May be formed more than once without damaging the
outer conductor
• High RF Shielding >100 dB
• 100% Hi-Pot and Continuity Tested
• 100% VSWR tested to max frequency of assembly
• Standard and custom lengths ship the same day
Applications
• General Purpose
• Laboratory Use
.
Description
Pasternack’s formable cable assemblies are hand formable semi-rigid replacements that are an alternative to costly preformed
assemblies. The formable semi-rigid cable alternatives are dimensionally and electrically similar to their semi-rigid counterpart
and have a tinned copper braid outer shield that provides excellent RF shielding. The hand formable cable assemblies from
Pasternack do not require special tooling to shape or reshape the assemblies and can replace standard semi-rigid versions.
The assemblies are available with or without a FEP jacket and are RoHS compliant.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.35:1
Velocity of Propagation
69.5
%
RF Shielding
100
dB
Capacitance
29 [95.14]
pF/ft [pF/m]
Operating Voltage (AC)
170
Vrms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to MMCX Plug Right Angle Semi-Flexible Cable 6 Inch Length Using PE-SR405FLJ
Coax with HeatShrink, RoHS PE39564-6
PE39564-6 REV 1.2
SMA Male to MMCX Plug Right Angle Semi-Flexible Cable 6 Inch
Length Using PE-SR405FLJ Coax with HeatShrink, RoHS
RF Cable Assemblies Technical Data Sheet
PE39564-6


Similar Part No. - PE39564-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39564-12 PASTERNACK-PE39564-12 Datasheet
393Kb / 4P
   SMA Male to MMCX Plug Right Angle Semi-Flexible Cable 12 Inch Length Using PE-SR405FLJ Coax with HeatShrink, RoHS
PE39564-24 PASTERNACK-PE39564-24 Datasheet
393Kb / 4P
   SMA Male to MMCX Plug Right Angle Semi-Flexible Cable 24 Inch Length Using PE-SR405FLJ Coax with HeatShrink, RoHS
PE39564-9 PASTERNACK-PE39564-9 Datasheet
393Kb / 4P
   SMA Male to MMCX Plug Right Angle Semi-Flexible Cable 9 Inch Length Using PE-SR405FLJ Coax with HeatShrink, RoHS
More results

Similar Description - PE39564-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39564 PASTERNACK-PE39564 Datasheet
393Kb / 4P
   SMA Male to MMCX Plug Right Angle Semi-Flexible Cable Using PE-SR405FLJ Coax with HeatShrink, RoHS
PE39564-9 PASTERNACK-PE39564-9 Datasheet
393Kb / 4P
   SMA Male to MMCX Plug Right Angle Semi-Flexible Cable 9 Inch Length Using PE-SR405FLJ Coax with HeatShrink, RoHS
PE39564-12 PASTERNACK-PE39564-12 Datasheet
393Kb / 4P
   SMA Male to MMCX Plug Right Angle Semi-Flexible Cable 12 Inch Length Using PE-SR405FLJ Coax with HeatShrink, RoHS
PE39564-24 PASTERNACK-PE39564-24 Datasheet
393Kb / 4P
   SMA Male to MMCX Plug Right Angle Semi-Flexible Cable 24 Inch Length Using PE-SR405FLJ Coax with HeatShrink, RoHS
PE39436-6 PASTERNACK-PE39436-6 Datasheet
407Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi- Flexible Cable 6 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
PE39431-6 PASTERNACK-PE39431-6 Datasheet
338Kb / 3P
   SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39436-9 PASTERNACK-PE39436-9 Datasheet
407Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi- Flexible Cable 9 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
PE39436-24 PASTERNACK-PE39436-24 Datasheet
407Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi- Flexible Cable 24 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
PE39430-6 PASTERNACK-PE39430-6 Datasheet
339Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39436-12 PASTERNACK-PE39436-12 Datasheet
408Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi- Flexible Cable 12 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com