Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9762101QEA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9762101QEA
Description  HIGH SPEED DIFFERENTIAL LINE DRIVERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9762101QEA Datasheet(HTML) 9 Page - Texas Instruments

Back Button 5962-9762101QEA Datasheet HTML 5Page - Texas Instruments 5962-9762101QEA Datasheet HTML 6Page - Texas Instruments 5962-9762101QEA Datasheet HTML 7Page - Texas Instruments 5962-9762101QEA Datasheet HTML 8Page - Texas Instruments 5962-9762101QEA Datasheet HTML 9Page - Texas Instruments 5962-9762101QEA Datasheet HTML 10Page - Texas Instruments 5962-9762101QEA Datasheet HTML 11Page - Texas Instruments 5962-9762101QEA Datasheet HTML 12Page - Texas Instruments 5962-9762101QEA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
SN55LVDS31, SN65LVDS31, SN65LVDS3487, SN65LVDS9638
HIGHSPEED DIFFERENTIAL LINE DRIVERS
SLLS261K − JULY 1997 − REVISED MARCH 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Y
Z
Inputs
(see Note A)
CL = 10 pF
(2 Places)
(see Note B)
49.9
Ω ± 1% (2 Places)
G
G
1.2 V
tPZH
tPHZ
tPZL
tPLZ
2 V
1.4 V
0.8 V
100%,
≅1.4 V
1.4 V
2 V
0.8 V
50%
0%, 1.2 V
0%,
≅1 V
100%, 1.2 V
50%
G, 1,2EN,
OR 3,4EN
G
VOY
or
VOZ
VOZ
or
VOY
A at 2 V, G at VCC and Input to G
or
G at GND and Input to G for ’LVDS31 Only
A at 0.8 V, G at VCC and Input to G
or
G at GND and Input to G for ’LVDS31 Only
VOY VOZ
0.8 V or 2 V
1,2EN or 3,4EN
NOTES: A. All input pulses are supplied by a generator having the following characteristics: tr or tf < 1 ns, pulse repetition rate
(PRR) = 0.5 Mpps, pulse width = 500
± 10 ns.
B. CL includes instrumentation and fixture capacitance within 6 mm of the D.U.T.
Figure 4. Enable- and Disable-Time Circuit and Definitions


Similar Part No. - 5962-9762101QEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9762101QEA TI-5962-9762101QEA Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
5962-9762101QEA TI-5962-9762101QEA Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
5962-9762101QEA TI-5962-9762101QEA Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED DIFFRENTIAL LINE DRIVERS
More results

Similar Description - 5962-9762101QEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com