Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C410C103K5R5TA Datasheet(PDF) 1 Page - Kemet Corporation

Part # C410C103K5R5TA
Description  AxiMax 400 Comm X7R, Ceramic, 0.01 uF, 10%, 50 V, X7R, AxiMax, Commercial Standard
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C410C103K5R5TA Datasheet(HTML) 1 Page - Kemet Corporation

  C410C103K5R5TA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/16/2017 - 67af8f31-fd84-4250-9457-4ef3159a8e06
KEMET Part Number: C410C103K5R5TA
AxiMax 400 Comm X7R, Ceramic, 0.01 uF, 10%, 50 V, X7R, AxiMax, Commercial Standard
Dimensions
D
2.41mm MAX
L
4.32mm MAX
LL
25.4mm MIN
F
0.51mm +0.025/-0.076mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 300
General Information
Supplier: KEMET
Series: AxiMax 400 Comm X7R
Description: AxiMax, Commercial Standard
RoHS: Yes
Termination: Tin
Failure Rate: N/A
Halogen Free: Yes
Specifications
Capacitance: 0.01 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5% 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C410C103K5R5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C103K5R5TA7200 KEMET-C410C103K5R5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 0.01 uF, 10%, 50 V, X7R, AxiMax, Commercial Standard
More results

Similar Description - C410C103K5R5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C420C104K5R5TA KEMET-C420C104K5R5TA Datasheet
58Kb / 1P
   AxiMax 400 Comm X7R, Ceramic, 0.1 uF, 10%, 50 V, X7R, AxiMax, Commercial Standard
C420C105K5R5TA KEMET-C420C105K5R5TA Datasheet
58Kb / 1P
   AxiMax 400 Comm X7R, Ceramic, 1 uF, 10%, 50 V, X7R, AxiMax, Commercial Standard
C412C223K1R5TA KEMET-C412C223K1R5TA Datasheet
58Kb / 1P
   AxiMax 400 Comm X7R, Ceramic, 0.022 uF, 10%, 100 V, X7R, AxiMax, Commercial Standard
C410C103K5R5TA7200 KEMET-C410C103K5R5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 0.01 uF, 10%, 50 V, X7R, AxiMax, Commercial Standard
C430C104K1R5TA KEMET-C430C104K1R5TA Datasheet
58Kb / 1P
   AxiMax 400 Comm X7R, Ceramic, 0.1 uF, 10%, 100 V, X7R, AxiMax, Commercial Standard
C410C103K1R5TA7200 KEMET-C410C103K1R5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 0.01 uF, 10%, 100 V, X7R, AxiMax, Commercial Standard
C410C103J5R5TA KEMET-C410C103J5R5TA Datasheet
58Kb / 1P
   Ceramic, AxiMax, 0.01 uF, 5%, 50 V, X7R, AxiMax, Commercial Standard
C410C103M5R5TA7200 KEMET-C410C103M5R5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 0.01 uF, 20%, 50 V, X7R, AxiMax, Commercial Standard
C440C474K5R5TA7200 KEMET-C440C474K5R5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 0.47 uF, 10%, 50 V, X7R, AxiMax, Commercial Standard
C440C104K1R5TA7200 KEMET-C440C104K1R5TA7200 Datasheet
65Kb / 1P
   AxiMax 400 Comm X7R, Ceramic, 0.1 uF, 10%, 100 VDC, X7R, AxiMax, Commercial Standard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com