Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES2JF Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # ES2JF
Description  Super-Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ES2JF Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  ES2JF Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ES2JF Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited ES2JF Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited ES2JF Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Super-Fast Rectifiers
ES2HF--ES2JF
SMF104AA
www.gmesemi.com
Rev.B
Production specification
Features
Glass passivated junction
For surface mounted applications
Low profile package
Low forward voltage drop
High surge current capability
RoHS Compliant
Mechanical Data
Case: SMAF molded plastic
Molding compound, UL flammability classification rating 94V-0
Terminals: Solder plated, solderable per MIL- STD-202,Method 208
Polarity: Color band denotes cathode end
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
ES2HF
ES2JF
Units
Peak repetitive reverse voltage
VRRM
500
600
V
RMS reverse voltage
VRMS
350
420
V
DC blocking voltage
VDC
500
600
V
Maximum average forward output current
IF(AV)
2.0
A
Peak forward surge current,
8.3ms single half-sine-wave
IFSM
50
A
Thermal Characteristics
Note:
1. Device mounted on PCB with 10 mm x 20 mm x 0.1mm copper pad areas
Parameter
Symbol
ES2HF
ES2JF
Units
Typical thermal resistance
(Note 1)
R ΘJA
R ΘJC
R ΘJL
78
°C /W
18
20
Operating junction temperature range
TJ
- 55 ---- + 150
°C
Storage temperature range
TSTG
- 55 ---- + 150
°C


Similar Part No. - ES2JF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES2JF ETC2-ES2JF Datasheet
953Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
ES2JF HOTTECH-ES2JF Datasheet
167Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Electronics ...
ES2JF CHENDA-ES2JF Datasheet
1Mb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
ES2JF HORNBY-ES2JF Datasheet
279Kb / 3P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2JF YFWDIODE-ES2JF Datasheet
137Kb / 3P
   Surface Mount Superfast Recovery Rectifier
More results

Similar Description - ES2JF

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com