Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYUSB3328-BVXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYUSB3328-BVXC
Description  HX3 USB 3.0 Hub
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3328-BVXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYUSB3328-BVXC Datasheet HTML 1Page - Cypress Semiconductor CYUSB3328-BVXC Datasheet HTML 2Page - Cypress Semiconductor CYUSB3328-BVXC Datasheet HTML 3Page - Cypress Semiconductor CYUSB3328-BVXC Datasheet HTML 4Page - Cypress Semiconductor CYUSB3328-BVXC Datasheet HTML 5Page - Cypress Semiconductor CYUSB3328-BVXC Datasheet HTML 6Page - Cypress Semiconductor CYUSB3328-BVXC Datasheet HTML 7Page - Cypress Semiconductor CYUSB3328-BVXC Datasheet HTML 8Page - Cypress Semiconductor CYUSB3328-BVXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
CYUSB330x/CYUSB331x
CYUSB332x/CYUSB230x
HX3 USB 3.0 Hub
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
• +1-408-943-2600
Document Number: 001-73643 Rev. *R
Revised January 25, 2018
HX3 USB 3.0 Hub
General Description
HX3 is a family of USB 3.0 hub controllers compliant with the USB 3.0 specification revision 1.0. HX3 supports SuperSpeed (SS),
Hi-Speed (HS), Full-Speed (FS), and Low-Speed (LS) on all the ports. It has integrated termination, pull-up, and pull-down resistors,
and supports configuration options through pin-straps to reduce the overall BOM of the system.
HX3 includes the following Cypress-proprietary features:
Shared Link™: Enables extra downstream (DS) ports for on-board connections in embedded applications
Ghost Charge™: Enables charging of devices connected to the DS ports when no host is connected on the upstream (US) port
HX3 USB 3.0 Hub
Features
USB-IF Certified Hub, TID# 330000060, 30000074
Supports up to Four USB 3.0-Compliant DS ports
All ports support SS (5 Gbps), and are backward-compatible
with HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps)
SS and USB 2.0 Link Power Management (LPM)
Dedicated Hi-Speed Transaction Translators (Multi-TT)
LED status indicators – suspend, SS, and USB 2.0 operation
Shared Link™ for Embedded Applications
Each DS port can simultaneously connect to an embedded
SS device and a removable USB 2.0 device
Enables up to eight device connections
Enhanced Battery Charging
Each DS port complies with the USB Battery Charging v1.2
(BC v1.2) specification
Ghost Charge™: Each DS port can emulate a Dedicated
Charging Port (DCP) when the host is not connected to the
US port
Accessory Charger Adapter Dock (ACA-Dock): Enables
charging and simultaneous data transfer for a smart phone
or a tablet acting as a host compliant to BC v1.2
Apple charging supported on all DS ports
Integrated ARM® Cortex™-M0 CPU
16 KB RAM, 32 KB ROM
Configure GPIOs for overcurrent protection, power enable,
and LEDs
Upgrade firmware using (a) I2C EEPROM or (b) an external
I2C master
Vendor-Command Support to Implement a USB-to-I2C Bridge
Firmware upgrade of an external ASSP connected to HX3
through USB
In-System Programming (ISP) of the EEPROM connected to
HX3 through USB
Extensive Configuration Support
Pin-strap configuration for the following functions:
• Vendor ID (VID)
• Charging support for each DS port
• Number of active ports
• Number of non-removable devices
• Ganged or individual power switch enables for DS ports
• Power switch polarity selection
Custom configuration modes supported with eFuse, I2C
EEPROM, or I2C slave
• SS and USB 2.0 PHY parameters
• Product ID (PID)/VID, manufacturer, and product string
descriptors
• Swap DP/DM signals for flexible PCB routing
Software Features
Microsoft WHQL-certified for Windows XP/Vista/7/8/8.1
Compatible with Mac OS 10.9 and Linux kernel version 3.11
Customize configuration parameters with the easy-to-use
Cypress’s “Blaster Plus” software tool
Flexible Packaging Options
68-pin QFN (8 × 8 × 1.0 mm)
88-pin QFN (10 × 10 × 1.0 mm)
100-ball BGA (6 × 6 × 1.0 mm)
Industrial temperature range (–40 °C to +85 °C)


Similar Part No. - CYUSB3328-BVXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3011-BZXC CYPRESS-CYUSB3011-BZXC Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3011-BZXC CYPRESS-CYUSB3011-BZXC Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3011-BZXC INFINEON-CYUSB3011-BZXC Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
logo
Cypress Semiconductor
CYUSB3012-BZXC CYPRESS-CYUSB3012-BZXC Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3012-BZXC CYPRESS-CYUSB3012-BZXC Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
More results

Similar Description - CYUSB3328-BVXC

ManufacturerPart #DatasheetDescription
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
   USB 3.0 Hub Controller
logo
Texas Instruments
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
logo
GENESYS LOGIC
GL3520 GENESYS-GL3520 Datasheet
275Kb / 1P
   USB 3.0 MTT Hub Controller
logo
Texas Instruments
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
[Old version datasheet]   Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
   4-port USB 3.0 hub
logo
Texas Instruments
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
logo
IOGEAR
GUH326 IOGEAR-GUH326 Datasheet
149Kb / 3P
   6-Port SuperSpeed USB 3.0 Hub
logo
Tripp Lite. All Rights ...
U360004R TRIPPLITE-U360004R Datasheet
492Kb / 2P
   4-Port USB 3.0 SuperSpeed Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com