Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV10975 Datasheet(PDF) 20 Page - Texas Instruments

Part # DRV10975
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DRV10975_18 Datasheet HTML 16Page - Texas Instruments DRV10975_18 Datasheet HTML 17Page - Texas Instruments DRV10975_18 Datasheet HTML 18Page - Texas Instruments DRV10975_18 Datasheet HTML 19Page - Texas Instruments DRV10975_18 Datasheet HTML 20Page - Texas Instruments DRV10975_18 Datasheet HTML 21Page - Texas Instruments DRV10975_18 Datasheet HTML 22Page - Texas Instruments DRV10975_18 Datasheet HTML 23Page - Texas Instruments DRV10975_18 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
20
DRV10975, DRV10975Z
SLVSCP2D – JANUARY 2015 – REVISED MARCH 2018
www.ti.com
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
For convenience, the encoded value of Kt[6:0] may also be obtained from Table 3.
Table 3. BEMF Constant Look-Up Table
Kt (mV/Hz)
Kt[6:0]
HEX
Kt (mV/Hz)
Kt [6:0]
HEX
Kt (mV/Hz)
Kt [6:0]
HEX
0
000 0000
00
22.3
010 1000
28
178
101 1000
58
0.7
000 0001
01
25.1
010 1001
29
200
101 1001
59
1.39
000 0010
02
27.8
010 1010
2A
223
101 1010
5A
2.09
000 0011
03
30.6
010 1011
2B
245
101 1011
5B
2.78
000 0100
04
33.4
010 1100
2C
267
101 1100
5C
3.48
000 0101
05
36.2
010 1101
2D
290
101 1101
5D
4.18
000 0110
06
39
010 1110
2E
312
101 1110
5E
4.88
000 0111
07
41.8
010 1111
2F
334
101 1111
5F
5.57
000 1000
08
44.6
011 1000
38
356
110 1000
68
6.27
000 1001
09
50.2
011 1001
39
401
110 1001
69
6.97
000 1010
0A
55.7
011 1010
3A
446
110 1010
6A
7.66
000 1011
0B
61.3
011 1011
3B
490
110 1011
6B
8.36
000 1100
0C
66.9
011 1100
3C
535
110 1100
6C
9.06
000 1101
0D
72.5
011 1101
3D
580
110 1101
6D
9.76
000 1110
0E
78
011 1110
3E
624
110 1110
6E
10.4
000 1111
0F
83.6
011 1111
3F
669
110 1111
6F
11.1
001 1000
18
89.2
100 1000
48
713
111 1000
78
12.5
001 1001
19
100
100 1001
49
803
111 1001
79
13.9
001 1010
1A
111
100 1010
4A
892
111 1010
7A
15.3
001 1011
1B
122
100 1011
4B
981
111 1011
7B
16.7
001 1100
1C
133
100 1100
4C
1070
111 1100
7C
18.1
001 1101
1D
145
100 1101
4D
1160
111 1101
7D
19.5
001 1110
1E
156
100 1110
4E
1240
111 1110
7E
20.9
001 1111
1F
167
100 1111
4F
1330
111 1111
7F
8.4.2 Starting the Motor Under Different Initial Conditions
The motor can be in one of three states when the DRV10975 attempts to begin the start-up process. The motor
may be stationary, or spinning in the forward or reverse directions. The DRV10975 includes a number of features
to allow for reliable motor start under all of these conditions. Figure 10 shows the motor start-up flow for each of
the three initial motor states.
8.4.2.1 Case 1 – Motor Is Stationary
If the motor is stationary, the commutation logic must be initialized to be in phase with the position of the motor.
The DRV10975 provides for two options to initialize the commutation logic to the motor position. Initial position
detect (IPD) determines the position of the motor based on the deterministic inductance variation, which is often
present in BLDC motors. The Align and Go technique forces the motor into alignment by applying a voltage
across a particular motor phase to force the motor to rotate in alignment with this phase. The following sections
explain how to configure these techniques for use in the designer's system.
8.4.2.2 Case 2 – Motor Is Spinning in the Forward Direction
If the motor is spinning forward with enough velocity, the DRV10975 may be configured to go directly into closed
loop. By resynchronizing to the spinning motor, the user achieves the fastest possible start-up time for this initial
condition.


Similar Part No. - DRV10975_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10975 TI-DRV10975_15 Datasheet
1Mb / 57P
[Old version datasheet]   DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV10975_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI-DRV10975_15 Datasheet
1Mb / 57P
[Old version datasheet]   DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983 TI1-DRV10983 Datasheet
1Mb / 58P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
[Old version datasheet]   5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10987 TI1-DRV10987_17 Datasheet
1Mb / 76P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com