Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV10974PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10974PWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10974PWPR Datasheet(HTML) 1 Page - Texas Instruments

  DRV10974PWPR Datasheet HTML 1Page - Texas Instruments DRV10974PWPR Datasheet HTML 2Page - Texas Instruments DRV10974PWPR Datasheet HTML 3Page - Texas Instruments DRV10974PWPR Datasheet HTML 4Page - Texas Instruments DRV10974PWPR Datasheet HTML 5Page - Texas Instruments DRV10974PWPR Datasheet HTML 6Page - Texas Instruments DRV10974PWPR Datasheet HTML 7Page - Texas Instruments DRV10974PWPR Datasheet HTML 8Page - Texas Instruments DRV10974PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
DRV10974
180°Sensorless
Sinusoidal
PWM
FG
4.4 V to 18 V
V
M
Copyright © 2017, Texas Instruments Incorporated
FR
Current Limit
Accel Profile
Lead Angle
VCP
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
DRV10974
SLVSDN2 – JANUARY 2018
DRV10974 12-V, Three-Phase, Sensorless BLDC Motor Driver
1
1 Features
1
Input Voltage Range: 4.4 V to 18 V
Phase Drive Current: 1-A Continuous (1.5-A
Peak)
180° Sinusoidal Commutation for Optimal
Acoustic Performance
Lead Angle Configurable With External Resistor
Soft Start and Resistor-Configurable Acceleration
Profile
Built-In Current Sense to Eliminate External
Current-Sense Resistor
No Motor Center Tap Required
Simple User Interface:
One-Pin Configuration for Start-Up
PWM Input Designates Magnitude of Voltage
Applied to Motor
Open-Drain FG Output Provides Speed
Feedback
Pin for Forward and Reverse Control
Fully Protected:
Motor-Lock Detect and Restart
Overcurrent, Short-Circuit, Overtemperature,
Undervoltage
2 Applications
White Goods
Fans, Blowers, and Pumps
BLDC Motor Module
3 Description
The DRV10974 device is a three-phase sensorless
motor driver with integrated power MOSFETs, which
can provide continuous drive current up to 1 A (rms).
The device is designed for cost-sensitive, low-noise,
and low-external-component-count applications.
The DRV10974 device uses a proprietary sensorless-
control scheme to provide dependable commutation.
The
180°
sinusoidal
commutation
significantly
reduces pure tone acoustics that are typical with 120°
(trapezoidal) commutation. The DRV10974 spin-up is
configured using a single external low-power resistor.
The current limit can be set by an external low-power
resistor.
The DRV10974 device provides for simple control of
motor speed by applying a PWM input to control the
magnitude of the drive voltage or by holding PWM
high, varying the supply voltage, and monitoring the
FG pin for speed feedback.
The DRV10974 device includes a number of features
to improve efficiency. The resistor-configurable lead
angle allows the user to optimize the driver efficiency
by aligning the phase current and the phase BEMF.
In addition, the use of low-rDS(on) MOSFETs helps to
conserve power while the motor is being driven.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV10974
HTSSOP (16)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Application Schematic


Similar Part No. - DRV10974PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10974PWPR TI1-DRV10974PWPR Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974PWPR TI1-DRV10974PWPR Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV10974PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI-DRV10975_15 Datasheet
1Mb / 57P
[Old version datasheet]   DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983 TI1-DRV10983 Datasheet
1Mb / 58P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
[Old version datasheet]   5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10987 TI1-DRV10987_17 Datasheet
1Mb / 76P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com