Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV10974PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10974PWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10974PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV10974PWPR Datasheet HTML 3Page - Texas Instruments DRV10974PWPR Datasheet HTML 4Page - Texas Instruments DRV10974PWPR Datasheet HTML 5Page - Texas Instruments DRV10974PWPR Datasheet HTML 6Page - Texas Instruments DRV10974PWPR Datasheet HTML 7Page - Texas Instruments DRV10974PWPR Datasheet HTML 8Page - Texas Instruments DRV10974PWPR Datasheet HTML 9Page - Texas Instruments DRV10974PWPR Datasheet HTML 10Page - Texas Instruments DRV10974PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
DRV10974
www.ti.com
SLVSDN2 – JANUARY 2018
Product Folder Links: DRV10974
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
TA = –40℃ to 85℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOCK DETECTION RELEASE TIME
t(LOCK_OFF)
Lock release time
5
s
OVERCURRENT PROTECTION
IOC_limit
Overcurrent protection
TA = 25°C
2.5
A
tOC_retry
Overcurrent protection retry time
5
s
THERMAL SHUTDOWN
TSD
Shutdown temperature threshold
150
°C
TSD(hys)
Shutdown temperature threshold
hysteresis
15
°C
LEAD ANGLE
ADVselect
Lead angle selection
VCC = 12 V, R(ADV) = 10.7 kΩ ±1%
10
µs
VCC = 12 V, R(ADV) = 14.3 kΩ ±1%
25
VCC = 12 V, R(ADV) = 17.8 kΩ ±1%
50
VCC = 12 V, R(ADV) = 22.1 kΩ ±1%
100
VCC = 12 V, R(ADV) = 28 kΩ ±1%
150
VCC = 12 V, R(ADV) = 34 kΩ ±1%
200
VCC = 12 V, R(ADV) = 41.2 kΩ ±1%
250
VCC = 12 V, R(ADV) = 49.9 kΩ ±1%
300
VCC = 12 V, R(ADV) = 59 kΩ ±1%
400
VCC = 12 V, R(ADV) = 71.5 kΩ ±1%
500
VCC = 12 V, R(ADV) = 86.6 kΩ ±1%
600
VCC = 12 V, R(ADV) = 105 kΩ ±1%
700
VCC = 12 V, R(ADV) = 124 kΩ ±1%
800
VCC = 12 V, R(ADV) = 150 kΩ ±1%
900
VCC = 12 V, R(ADV) = 182 kΩ ±1%
1000
ACCELERATION RAMP RATE
RMPselect
RMP selection for acceleration profile
VCC = 12 V, R(RMP) = 7.32 kΩ ±1%
0
code
VCC = 12 V, R(RMP) = 10.7 kΩ ±1%
1
VCC = 12 V, R(RMP) = 14.3 kΩ ±1%
2
VCC = 12 V, R(RMP) = 17.8 kΩ ±1%
3
VCC = 12 V, R(RMP) = 22.1 kΩ ±1%
4
VCC = 12 V, R(RMP) = 28 kΩ ±1%
5
VCC = 12 V, R(RMP) = 34 kΩ ±1%
6
VCC = 12 V, R(RMP) = 41.2 kΩ ±1%
7
VCC = 12 V, R(RMP) = 49.9 kΩ ±1%
8
VCC = 12 V, R(RMP) = 59 kΩ ±1%
9
VCC = 12 V, R(RMP) = 71.5 kΩ ±1%
10
VCC = 12 V, R(RMP) = 86.6 kΩ ±1%
11
VCC = 12 V, R(RMP) = 105 kΩ ±1%
12
VCC = 12 V, R(RMP) = 124 kΩ ±1%
13
VCC = 12 V, R(RMP) = 150 kΩ ±1%
14
VCC = 12 V, R(RMP) = 182 kΩ ±1%
15


Similar Part No. - DRV10974PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10974PWPR TI1-DRV10974PWPR Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974PWPR TI1-DRV10974PWPR Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV10974PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI-DRV10975_15 Datasheet
1Mb / 57P
[Old version datasheet]   DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983 TI1-DRV10983 Datasheet
1Mb / 58P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
[Old version datasheet]   5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10987 TI1-DRV10987_17 Datasheet
1Mb / 76P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com