Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYUSB3324-88LTXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYUSB3324-88LTXC
Description  HX3 USB 3.0 Hub
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3324-88LTXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYUSB3324-88LTXC Datasheet HTML 1Page - Cypress Semiconductor CYUSB3324-88LTXC Datasheet HTML 2Page - Cypress Semiconductor CYUSB3324-88LTXC Datasheet HTML 3Page - Cypress Semiconductor CYUSB3324-88LTXC Datasheet HTML 4Page - Cypress Semiconductor CYUSB3324-88LTXC Datasheet HTML 5Page - Cypress Semiconductor CYUSB3324-88LTXC Datasheet HTML 6Page - Cypress Semiconductor CYUSB3324-88LTXC Datasheet HTML 7Page - Cypress Semiconductor CYUSB3324-88LTXC Datasheet HTML 8Page - Cypress Semiconductor CYUSB3324-88LTXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
CYUSB330x/CYUSB331x
CYUSB332x/CYUSB230x
Document Number: 001-73643 Rev. *R
Page 2 of 43
Block Diagram
USB 2.0
PHY
SS
PHY
Port
Control
USB 2.0 
PHY
SS
PHY
VBUS
Detect
Four Transaction
Translators
Routing Logic
USB 2.0
SS
Repeater
US Port Control Routing
Buffer and Routing Logic
Hub Controller
PHY Interface
DS Buffers
US Buffers
Hub Controller
3.3 V
PLL
ARM
Cortex-M0
RAM
ROM
26 MHz
1.2 V
USB 2.0
PHY
SS
PHY
Port
Control
USB 2.0
PHY
SS
PHY
Port
Control
USB 2.0
PHY
SS
PHY
Port
Control
I2C
I2C_DATA
I2C_CLK
USB 2.0 Controller
SS Controller
US Port
DS Port 1
DS Port 2
DS Port 3
DS Port 4


Similar Part No. - CYUSB3324-88LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3011-BZXC CYPRESS-CYUSB3011-BZXC Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3011-BZXC CYPRESS-CYUSB3011-BZXC Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3011-BZXC INFINEON-CYUSB3011-BZXC Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
logo
Cypress Semiconductor
CYUSB3012-BZXC CYPRESS-CYUSB3012-BZXC Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3012-BZXC CYPRESS-CYUSB3012-BZXC Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
More results

Similar Description - CYUSB3324-88LTXC

ManufacturerPart #DatasheetDescription
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
   USB 3.0 Hub Controller
logo
Texas Instruments
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
logo
GENESYS LOGIC
GL3520 GENESYS-GL3520 Datasheet
275Kb / 1P
   USB 3.0 MTT Hub Controller
logo
Texas Instruments
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
[Old version datasheet]   Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
   4-port USB 3.0 hub
logo
Texas Instruments
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
logo
IOGEAR
GUH326 IOGEAR-GUH326 Datasheet
149Kb / 3P
   6-Port SuperSpeed USB 3.0 Hub
logo
Tripp Lite. All Rights ...
U360004R TRIPPLITE-U360004R Datasheet
492Kb / 2P
   4-Port USB 3.0 SuperSpeed Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com