Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYUSB3064-BZXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYUSB3064-BZXI
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3064-BZXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYUSB3064-BZXI Datasheet HTML 1Page - Cypress Semiconductor CYUSB3064-BZXI Datasheet HTML 2Page - Cypress Semiconductor CYUSB3064-BZXI Datasheet HTML 3Page - Cypress Semiconductor CYUSB3064-BZXI Datasheet HTML 4Page - Cypress Semiconductor CYUSB3064-BZXI Datasheet HTML 5Page - Cypress Semiconductor CYUSB3064-BZXI Datasheet HTML 6Page - Cypress Semiconductor CYUSB3064-BZXI Datasheet HTML 7Page - Cypress Semiconductor CYUSB3064-BZXI Datasheet HTML 8Page - Cypress Semiconductor CYUSB3064-BZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 5 of 37
Functional Overview
Cypress’s EZ-USB CX3 is the next-generation bridge controller
that can connect devices with the Mobile Industry Processor
Interface – Camera Serial Interface 2 (MIPI CSI-2) interface to
any USB 3.0 Host.
CX3 has a 4-lane CSI-2 receiver with up to 1 Gbps on each lane.
It supports video data formats such as RAW8/10/12/14, YUV422
(CCIR/ITU 8/10-bit), RGB888/666/565, and user-defined 8-bit.
CX3 has integrated the USB 3.0 and USB 2.0 physical layers
(PHYs) along with a 32-bit ARM926EJ-S microprocessor for
powerful data processing and for building custom applications.
CX3 contains 512 KB of on-chip SRAM (see Ordering
Information on page 27) for code and data. EZ-USB CX3 also
provides interfaces to connect to serial peripherals such as
UART, SPI, I2C, and I2S.
CX3 comes with application development tools. The software
development kit comes with application examples for acceler-
ating time-to-market.
CX3 complies with the USB 3.0 v1.0 specification and is also
backward compatible with USB 2.0. It also complies with the
MIPI CSI-2 v1.01, revision 0.04 specification dated 2nd April
2009.
Application Examples
In a typical application (see Figure 1), CX3 acts as the main
processor and connects to an image sensor, an audio device, or
camera control devices amongst others.
Figure 1. EZ-USB CX3 Example Application
Image
sensor
EZ-USB CX3
Autofocus, Pan, Tilt, Zoom,
Shutter control, Lighting, etc.
Audio
input
Audio
output
USB
Host
Clock
6-40 MHz
Clock
19.2 MHz
Power
subsystem
U
S
B
MIPI CSI-2
RX
I2C
I2S
SPI
REFCLK
CLKIN
VDD


Similar Part No. - CYUSB3064-BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3011-BZXC CYPRESS-CYUSB3011-BZXC Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3011-BZXC CYPRESS-CYUSB3011-BZXC Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3011-BZXC INFINEON-CYUSB3011-BZXC Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
logo
Cypress Semiconductor
CYUSB3012-BZXC CYPRESS-CYUSB3012-BZXC Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3012-BZXC CYPRESS-CYUSB3012-BZXC Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
More results

Similar Description - CYUSB3064-BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB303X CYPRESS-CYUSB303X Datasheet
562Kb / 54P
   EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X_13 Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
CYUSB3035 CYPRESS-CYUSB3035 Datasheet
1,014Kb / 50P
   EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
   EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
   EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
logo
Cypress Semiconductor
CYUSB3014 CYPRESS-CYUSB3014 Datasheet
905Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
logo
Prolific Technology Inc...
PL2775 PROLIFIC-PL2775 Datasheet
174Kb / 1P
   SuperSpeed USB 3.0 to Dual SATA Bridge Controller
logo
List of Unclassifed Man...
PL2775 ETC2-PL2775 Datasheet
174Kb / 1P
   SuperSpeed USB 3.0 to Dual SATA Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com