Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYUSB3065-BZXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYUSB3065-BZXC
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3065-BZXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYUSB3065-BZXC Datasheet HTML 7Page - Cypress Semiconductor CYUSB3065-BZXC Datasheet HTML 8Page - Cypress Semiconductor CYUSB3065-BZXC Datasheet HTML 9Page - Cypress Semiconductor CYUSB3065-BZXC Datasheet HTML 10Page - Cypress Semiconductor CYUSB3065-BZXC Datasheet HTML 11Page - Cypress Semiconductor CYUSB3065-BZXC Datasheet HTML 12Page - Cypress Semiconductor CYUSB3065-BZXC Datasheet HTML 13Page - Cypress Semiconductor CYUSB3065-BZXC Datasheet HTML 14Page - Cypress Semiconductor CYUSB3065-BZXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 11 of 37
Table 5. Entry and Exit Methods for Low-Power Modes
Low-Power Mode
Characteristics
Methods of Entry
Methods of Exit
Suspend Mode with
USB 3.0 PHY
Enabled
Power consumption in this mode does not
exceed ISB1
USB 3.0 PHY is enabled and is in U3 mode
(one of the suspend modes defined by the
USB 3.0 specification). This one block
alone is operational with its internal clock,
while all other clocks are shut down
All I/Os maintain their previous state
Power supply for the wakeup source and
core power must be retained. All other
power domains can be turned on or off
individually
The states of the configuration registers,
buffer memory, and all internal RAM are
maintained
All transactions must be completed before
CX3 enters suspend mode (state of
outstanding transactions are not
preserved)
The firmware resumes operation from
where it was suspended (except when
woken up by RESET# assertion) because
the program counter does not reset
Firmware executing on
ARM926EJ-S core can put CX3 into
the suspend mode. For example, on
USB suspend condition, the firmware
may decide to put CX3 into suspend
mode
D+ transitioning to low
or high
D- transitioning to low
or high
Resume condition on
SSRX±
Detection of VBUS
Level detect on
UART_CTS
(programmable
polarity)
Assertion of RESET#
Standby Mode
The power consumption in this mode does
not exceed ISB3
All configuration register settings and
program/data RAM contents are
preserved. However, data in the buffers or
other parts of the data path, if any, is not
guaranteed. Therefore, the external
processor should take care that the data
needed is read before putting CX3 into the
standby mode
The program counter is reset after waking
up from the standby mode
GPIO pins maintain their configuration
Internal PLL is turned off
USB transceiver is turned off
ARM926EJ-S core is powered down.
Upon wakeup, the core re-starts and runs
the program stored in the program/data
RAM
Power supply for the wakeup source and
core power must be retained. All other
power domains can be turned on or off
individually
The firmware executing on
ARM926EJ-S core or external
processor configures the appropriate
register
Detection of VBUS
Level detect on
UART_CTS
(programmable
polarity)
Assertion of RESET#


Similar Part No. - CYUSB3065-BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3011-BZXC CYPRESS-CYUSB3011-BZXC Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3011-BZXC CYPRESS-CYUSB3011-BZXC Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3011-BZXC INFINEON-CYUSB3011-BZXC Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
logo
Cypress Semiconductor
CYUSB3012-BZXC CYPRESS-CYUSB3012-BZXC Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3012-BZXC CYPRESS-CYUSB3012-BZXC Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
More results

Similar Description - CYUSB3065-BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB303X CYPRESS-CYUSB303X Datasheet
562Kb / 54P
   EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X_13 Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
CYUSB3035 CYPRESS-CYUSB3035 Datasheet
1,014Kb / 50P
   EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
   EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
   EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
logo
Cypress Semiconductor
CYUSB3014 CYPRESS-CYUSB3014 Datasheet
905Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
logo
Prolific Technology Inc...
PL2775 PROLIFIC-PL2775 Datasheet
174Kb / 1P
   SuperSpeed USB 3.0 to Dual SATA Bridge Controller
logo
List of Unclassifed Man...
PL2775 ETC2-PL2775 Datasheet
174Kb / 1P
   SuperSpeed USB 3.0 to Dual SATA Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com