Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A2245X01-I0U0 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S1A2245X01-I0U0
Description  FM IF FOR CAR RADIO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A2245X01-I0U0 Datasheet(HTML) 3 Page - Samsung semiconductor

  S1A2245X01-I0U0 Datasheet HTML 1Page - Samsung semiconductor S1A2245X01-I0U0 Datasheet HTML 2Page - Samsung semiconductor S1A2245X01-I0U0 Datasheet HTML 3Page - Samsung semiconductor S1A2245X01-I0U0 Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FM IF FOR CAR RADIO
S1A2245X01
3
ELECTRICAL CHARACTERISTICS
(Ta = 25
°C, V
CC = 12V, f = 10.7MHz, fm = 400Hz)
TEST CIRCUIT
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Quiescent Circuit Current
ICCQ
VI = 0
8
12
15
mA
- 3dB Limiting Sensitivity
Vl(LlM)
-3dB point from VO, VI = 80dBµ, ∆f = 75kHz
50
55
dB
AM Rejection Ratio
AMR
FM:
∆f = ± 75kHz dev AM: 30 % Mod
Vl = 80dBµ
50
dB
Detector Output Voltage
VO
∆f = ± 75kHz dev V
I = 80dBµV
300
500
700
mV
Total Harmonic Distortion
THD
∆f = ± 225kHz dev V
I = 80dBµV
0.2
%
Signal to Noise Ratio
S/N
∆f = ± 75kHz dev V
I = 80dBµV
60
dB
1
2
4
7
S1A2245X01
INPUT
0.01
µ
50
0.01
µ
0.01
µ
C3
AF OUT
10p
C2
C1
L
Tank Coil
VCC
0.01
µ


Similar Part No. - S1A2245X01-I0U0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A2201X01 SAMSUNG-S1A2201X01 Datasheet
85Kb / 4P
   1.2W AUDIO POWER AMP
S1A2201X01-D0B0 SAMSUNG-S1A2201X01-D0B0 Datasheet
85Kb / 4P
   1.2W AUDIO POWER AMP
S1A2206D01 SAMSUNG-S1A2206D01 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
S1A2206D01-D0B0 SAMSUNG-S1A2206D01-D0B0 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
S1A2206D01-H0B0 SAMSUNG-S1A2206D01-H0B0 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
More results

Similar Description - S1A2245X01-I0U0

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
logo
Panasonic Semiconductor
AN7259S PANASONIC-AN7259S Datasheet
72Kb / 5P
   FM-IF Amplifier Circuit for Car Radio
logo
Sanyo Semicon Device
1145M SANYO-1145M Datasheet
477Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
LA1145 SANYO-LA1145 Datasheet
335Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
logo
NTE Electronics
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
   Integrated Circuit FM IF System for Car Radio
logo
Panasonic Semiconductor
AN7293NFBQ PANASONIC-AN7293NFBQ Datasheet
54Kb / 5P
   FM-IF, NC, MPX IC for Car Radio
AN7293NSC PANASONIC-AN7293NSC Datasheet
53Kb / 5P
   FM-IF, NC, MPX IC for car radio
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com