Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A2245X01 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S1A2245X01
Description  FM IF FOR CAR RADIO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A2245X01 Datasheet(HTML) 1 Page - Samsung semiconductor

  S1A2245X01 Datasheet HTML 1Page - Samsung semiconductor S1A2245X01 Datasheet HTML 2Page - Samsung semiconductor S1A2245X01 Datasheet HTML 3Page - Samsung semiconductor S1A2245X01 Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FM IF FOR CAR RADIO
S1A2245X01
1
INTRODUCTION
The S1A2245X01 is a monolithic integrated circuit consisting of
an FM IF amplifier and detector. It is suitable for car radios.
FUNCTIONS
3-stage IF amplifier
Peak detector
FEATURES
Suitable for FM car radios
Wide operating supply voltage range: VCC = 8V − 14V
High detector output voltage (VO = 500mV, Typ)
Excellent AM rejection: AMR = 50dB (Typ)
High sensitivity: VI (LIM) = 50dBµV (Typ)
Simplified single coil tuning
Low distortion (THD = 0.1 %: Typ)
Minimum number of external parts required
ORDERING INFORMATION
Device
Package
Operating Temperature
S1A2245X01-I0U0
7
−SIP
−20°C − +70°C
7
−SIP


Similar Part No. - S1A2245X01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A2201X01 SAMSUNG-S1A2201X01 Datasheet
85Kb / 4P
   1.2W AUDIO POWER AMP
S1A2201X01-D0B0 SAMSUNG-S1A2201X01-D0B0 Datasheet
85Kb / 4P
   1.2W AUDIO POWER AMP
S1A2206D01 SAMSUNG-S1A2206D01 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
S1A2206D01-D0B0 SAMSUNG-S1A2206D01-D0B0 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
S1A2206D01-H0B0 SAMSUNG-S1A2206D01-H0B0 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
More results

Similar Description - S1A2245X01

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
logo
Panasonic Semiconductor
AN7259S PANASONIC-AN7259S Datasheet
72Kb / 5P
   FM-IF Amplifier Circuit for Car Radio
logo
Sanyo Semicon Device
1145M SANYO-1145M Datasheet
477Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
LA1145 SANYO-LA1145 Datasheet
335Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
logo
NTE Electronics
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
   Integrated Circuit FM IF System for Car Radio
logo
Panasonic Semiconductor
AN7293NFBQ PANASONIC-AN7293NFBQ Datasheet
54Kb / 5P
   FM-IF, NC, MPX IC for Car Radio
AN7293NSC PANASONIC-AN7293NSC Datasheet
53Kb / 5P
   FM-IF, NC, MPX IC for car radio
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com