Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB-TK2050 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RB-TK2050
Description  CLASS-T DIGITAL AUDIO AMPLIFIER 1 CHANNEL TK2050 REFERENCE BOARD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RB-TK2050 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RB-TK2050 Datasheet HTML 1Page - List of Unclassifed Manufacturers RB-TK2050 Datasheet HTML 2Page - List of Unclassifed Manufacturers RB-TK2050 Datasheet HTML 3Page - List of Unclassifed Manufacturers RB-TK2050 Datasheet HTML 4Page - List of Unclassifed Manufacturers RB-TK2050 Datasheet HTML 5Page - List of Unclassifed Manufacturers RB-TK2050 Datasheet HTML 6Page - List of Unclassifed Manufacturers RB-TK2050 Datasheet HTML 7Page - List of Unclassifed Manufacturers RB-TK2050 Datasheet HTML 8Page - List of Unclassifed Manufacturers RB-TK2050 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
3
RB-TK2050 Parallel, Kli/Rev 1.0/ 11.02
POWER SUPPLIES
Two external power supplies are required to operate the RB-TK2051: VCC (referenced to GND), and V5
(referenced to G5). The V5 ground (G5) must be kept separate from the VCC ground (GND). GND and G5 are
joined at a common point on the RB-TK2050 Parallel Reference Board with a 0
Ω resistor (R1).
The Minimum and Maximum VCC supply voltages are +10V and +36V, respectively.
The V5 supply voltage is 5V. Please see the TK2050 Data Sheet for Minimum and Maximum values.
The VCC and V5 power supply connection (JP1) is a standard 4 pin, .156” Molex header. Please refer to the
Board Connection Diagram for the connector locations on the RB-TK2050 Parallel Reference Board.
OUTPUT
The output connection (J7) for the RB-TK2050 Parallel Reference Board is a standard 2 pin, .156” Molex
header. The output of the TK2050 is differential; the output has a positive output (OUT1+) and a negative output
(OUT1
-).
Please refer to the Board Connection Diagram for the connector locations on the RB-TK2050 Parallel
Reference Board.
INPUT
The input connection for the RB-TK2050 Parallel Reference Board is an RCA connector (J10). The RCA
connector is labeled IN1 on the top of the PCB. The input shares a common ground referenced to G5. Please
refer to the Board Connection Diagram for the connector locations on the RB-TK2050 Parallel Reference Board.
JUMPER SETTINGS
There is a 2-pin header for the MUTE (J16) control of the TC2000. With the jumper in place the part is un-
muted. When the jumper is removed the mute pin is pulled high (5V) and the amplifier is muted. Please refer to
the Board Connection Diagram for the connector locations on the RB-TK2050 Parallel Reference Board.
INDICATOR LED’S
The RB-TK2050 Parallel Reference Board has an LED labeled HMUTE (D2). The LED will glow red and the
output is muted when a fault occurs or the MUTE header is set to V5. Please refer to the TK2050 Data Sheet
for a complete description of HMUTE. Please refer to the Board Connection Diagram for the LED locations on
the RB-TK2050 Parallel Reference Board.
OUTPUT OFFSET NULL
There is a potentiometer, R24 that is used to manually trim the output offset to 0Vdc. Please refer to the Board
Connection Diagram for the potentiometer location on the RB-TK2050 Parallel Reference Board. The
Reference Board is shipped the output offset nulled within +/-10mV.
GAIN SETTING
The gain of the RB-TK2050 Parallel Reference Board is set to 15V/V. The gain of the TK2050 is the product of
the TC2000 (control stage) gain and the TP2050 (power stage) gain. The control stage gain is set to unity.
Before changing the gain of the RB-TK2050 Parallel Reference Board, please refer to the Amplifier Gain section
of the TK2050 Data Sheet.


Similar Part No. - RB-TK2050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB-TK2051 ETC-RB-TK2051 Datasheet
594Kb / 14P
   CLASS-T DIGITAL AUDIO AMPLIFIER 6 CHANNEL TK2051 REFERENCE BOARD
More results

Similar Description - RB-TK2050

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
EB-TK2050 TRIPATH-EB-TK2050 Datasheet
538Kb / 14P
   CLASS-T DIGITAL AUDIO AMPLIFIER 2 CHANNEL TK2050 EVALUATION BOARD
logo
List of Unclassifed Man...
RB-TK2051 ETC-RB-TK2051 Datasheet
594Kb / 14P
   CLASS-T DIGITAL AUDIO AMPLIFIER 6 CHANNEL TK2051 REFERENCE BOARD
RB-TK2019 ETC-RB-TK2019 Datasheet
408Kb / 11P
   2 X 20W CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD
logo
Tripath Technology Inc.
RB-TA3020-1 TRIPATH-RB-TA3020-1 Datasheet
831Kb / 20P
   CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
EB-TA2022 TRIPATH-EB-TA2022 Datasheet
530Kb / 13P
   CLASS-T DIGITAL AUDIO AMPLIFIER 2 CHANNEL TA2022 EVALUATION BOARD
EB-TA1101B TRIPATH-EB-TA1101B Datasheet
543Kb / 9P
   Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
TK2019 TRIPATH-TK2019 Datasheet
414Kb / 21P
   STEREO 20W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
TK2050 TRIPATH-TK2050 Datasheet
400Kb / 19P
   STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com