Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMR9601SFP Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # OMR9601SFP
Description  1 M Rad (Si), ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OMR9601SFP Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  OMR9601SFP Datasheet HTML 1Page - List of Unclassifed Manufacturers OMR9601SFP Datasheet HTML 2Page - List of Unclassifed Manufacturers OMR9601SFP Datasheet HTML 3Page - List of Unclassifed Manufacturers OMR9601SFP Datasheet HTML 4Page - List of Unclassifed Manufacturers OMR9601SFP Datasheet HTML 5Page - List of Unclassifed Manufacturers OMR9601SFP Datasheet HTML 6Page - List of Unclassifed Manufacturers OMR9601SFP Datasheet HTML 7Page - List of Unclassifed Manufacturers OMR9601SFP Datasheet HTML 8Page - List of Unclassifed Manufacturers OMR9601SFP Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
OMR9601
Rev D, 02/14/2002
205 Crawford Street
• Leominster MA 01453 • Phone: 978 534 5776 • Fax: 978 537 4246 • www.omnirel.com
Omnirel Part Number
Package Description
Screening
OMR9601SCP
MO-078AA 5 - Lead
100% Final Electrical
OMR9601SCH
MO-078AA 5 - Lead
Class H per MIL-PRF-38534
OMR9601SCK
MO-078AA 5 - Lead
Class K per MIL-PRF-38534
OMR9601SFP
8 -Lead Flat Pack
100% Final Electrical
OMR9601SFH
8 -Lead Flat Pack
Class H per MIL-PRF-38534
OMR9601SFK
8 -Lead Flat Pack
Class K per MIL-PRF-38534
Also available in non-rad hard versions
OM
R
9601
X
X
X
Omnirel
Radiation
Device
S=Isolated
Package
Screening
Hardened/Tolerant
N=Non-Isolated
MIL-PRF-38534 Screening Requirements
TEST/INSPECTION
SCREENING LEVEL
MIL-STD-883
Class H
Class K
Method
(Space Level)
Pre Seal Burn-In
Optional
Optional
1030
Nondestructive Bond Pull
N/A
100%
2023
Internal Visual
100%
100%
2017
Temperature Cycle
100%
100%
1010
Constant Acceleration
100%
100%
2001
Mechanical Shock
100%
100%
2002
PIND
N/A
100%
2020
Pre Burn-In Electrical
Optional
100%
Burn-In
100%
100%
1015
Final Electrical
100%
100%
Seal
100%
100%
1014
Radiographic
N/A
100%
2012
External Visual
100%
100%
2009


Similar Part No. - OMR9601SFP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OMR9601SFP IRF-OMR9601SFP Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
More results

Similar Description - OMR9601SFP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OMR9604SC IRF-OMR9604SC Datasheet
131Kb / 5P
   1 M Rad(Si) Ultra Low Dropout Positive Adjustable Linear Regulator Hermetic Package
OMR9605SC IRF-OMR9605SC Datasheet
146Kb / 5P
   1 M Rad(Si) Ultra Low Dropout Adjustable Linear Regulator Hermetic Package
logo
Anaren Microwave
MSK5823 ANAREN-MSK5823 Datasheet
659Kb / 8P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5820 ANAREN-MSK5820 Datasheet
548Kb / 9P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5825 ANAREN-MSK5825 Datasheet
666Kb / 8P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5922 ANAREN-MSK5922 Datasheet
325Kb / 7P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5920-3.3KRHU MSK-MSK5920-3.3KRHU Datasheet
340Kb / 7P
   RAD TOLERANT ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
logo
Anaren Microwave
MSK5822 ANAREN-MSK5822 Datasheet
1Mb / 9P
   RAD HARD ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5921KRHU MSK-MSK5921KRHU Datasheet
331Kb / 7P
   RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
logo
Anaren Microwave
MSK5800RH ANAREN-MSK5800RH Datasheet
960Kb / 10P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com