Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P11L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P11L
Description  Long Life Cermet Potentiometer 2 Million Cycles
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11L Datasheet(HTML) 2 Page - Vishay Siliconix

  P11L Datasheet HTML 1Page - Vishay Siliconix P11L Datasheet HTML 2Page - Vishay Siliconix P11L Datasheet HTML 3Page - Vishay Siliconix P11L Datasheet HTML 4Page - Vishay Siliconix P11L Datasheet HTML 5Page - Vishay Siliconix P11L Datasheet HTML 6Page - Vishay Siliconix P11L Datasheet HTML 7Page - Vishay Siliconix P11L Datasheet HTML 8Page - Vishay Siliconix P11L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
P11L
www.vishay.com
Vishay Sfernice
Revision: 04-Jul-17
2
Document Number: 51060
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GENERAL SPECIFICATIONS
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
ELECTRICAL (initial)
Resistive element
Cermet
Electrical travel
270° ± 10°
Standard resistance values
1 k
, 5 k, 10 k, 50 k
Tolerance
standard
± 20 %
on request
± 5 % or ± 10 %
Taper
Circuit diagram
Power rating at 70 °C
linear taper
0.1 W at +70 °C
non-linear taper
0.05 W at +70 °C
multiple assemblies
0.1 W at +70 °C per module
Temperature coefficient (typical)
± 150 ppm
Limiting element voltage
350 V
End resistance (typical)
2
Independent linearity
± 3 % (± 2 % available)
Insulation resistance
106 M
 min.
Dielectric strength
1500 VRMS min.
Attenuation
-
Mechanical endurance
2 000 000 cycles
100
80
60
40
20
0
0
100
80
60
40
20
% CLOCKWISE SHAFT ROTATION
F
L
A
a
(1)
b
(2)
c
(3)
cw
AMBIENT TEMPERATURE IN °C
0
20
40
60 70 80
100
120
140
0
0.10
P11L
LINEAR TAPER
0.05
P11L
LOG. TAPER


Similar Part No. - P11L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
185Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
01-Jan-2022
P11L VISHAY-P11L Datasheet
169Kb / 3P
   Custom Capabilities Position Sensors and Variable Resistors
01-Jan-2022
P11L1FAGOSY00502KA VISHAY-P11L1FAGOSY00502KA Datasheet
185Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
01-Jan-2022
P11L2FAGOSY00502KA VISHAY-P11L2FAGOSY00502KA Datasheet
185Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
01-Jan-2022
P11L3FAGOSY00502KA VISHAY-P11L3FAGOSY00502KA Datasheet
185Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
01-Jan-2022
More results

Similar Description - P11L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
01-Jan-2022
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
   Long Life Cermet Potentiometer up to 2 Million Cycles
01-Jan-2022
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
   Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
01-Jan-2022
P30L VISHAY-P30L Datasheet
133Kb / 5P
   Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
Revision: 04-Sep-08
P13L VISHAY-P13L Datasheet
152Kb / 7P
   Long Life Cermet Potentiometer up to 2 Million Cycles
Revision: 04-Jul-17
P10L VISHAY-P10L Datasheet
122Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
Revision: 10-Dec-07
P10L VISHAY-P10L_V01 Datasheet
86Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
01-Jan-2022
logo
TT Electronics.
PHS07 TTELEC-PHS07 Datasheet
431Kb / 3P
   High accuracy and long life over 1 million cycles
logo
ALPS ELECTRIC CO.,LTD.
RK09Y11L ALPS-RK09Y11L_15 Datasheet
649Kb / 3P
   A compact long-life type with a rotational life of 1 million cycles
logo
Vishay Siliconix
P10L VISHAY-P10L_17 Datasheet
105Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
Revision: 04-Jul-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com