Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP221FA Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB100LVEP221FA
Description  2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP221FA Datasheet(HTML) 4 Page - ON Semiconductor

  NB100LVEP221FA Datasheet HTML 1Page - ON Semiconductor NB100LVEP221FA Datasheet HTML 2Page - ON Semiconductor NB100LVEP221FA Datasheet HTML 3Page - ON Semiconductor NB100LVEP221FA Datasheet HTML 4Page - ON Semiconductor NB100LVEP221FA Datasheet HTML 5Page - ON Semiconductor NB100LVEP221FA Datasheet HTML 6Page - ON Semiconductor NB100LVEP221FA Datasheet HTML 7Page - ON Semiconductor NB100LVEP221FA Datasheet HTML 8Page - ON Semiconductor NB100LVEP221FA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NB100LVEP221
http://onsemi.com
4
LVPECL DC CHARACTERISTICS VCC = 3.3 V; VEE = 0 V (Note 7)
-40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
100
125
150
104
130
156
116
145
174
mA
VOH
Output HIGH Voltage (Note 8)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 8)
1355
1480
1700
1355
1480
1700
1355
1480
1700
mV
VIH
Input HIGH Voltage (Single-Ended)
2135
2420
2135
2420
2135
2420
mV
VIL
Input LOW Voltage (Single-Ended)
1355
1700
1355
1700
1355
1700
mV
VBB
Output Reference Voltage (Note 9)
1775
1875
1975
1775
1875
1975
1775
1875
1975
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 10)
CLK0/CLK0
CLK1/CLK1
1.2
0.3
3.3
1.6
1.2
0.3
3.3
1.6
1.2
0.3
3.3
1.6
V
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
CLK
CLK
0.5
-150
0.5
-150
0.5
-150
mA
NOTE:
100LVEP circuits are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
7. Input and output parameters vary 1:1 with VCC. VEE can vary + 0.925 V to -0.5 V.
8. All outputs loaded with 50
W to VCC - 2.0 V.
9. Single-ended input operation is limited VCC ≥ 3.0 V in LVPECL mode.
10. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
LVNECL DC CHARACTERISTICS VCC = 0 V, VEE = -2.375 V to -3.8 V (Note 11)
-40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
100
125
150
104
130
156
116
145
174
mA
VOH
Output HIGH Voltage (Note 12)
-1 145
-1020
-895
-1 145
-1020
-895
-1 145
-1020
-895
mV
VOL
Output LOW Voltage (Note 12)
-1945
-1820
-1600
-1945
-1820
-1600
-1945
-1820
-1600
mV
VIH
Input HIGH Voltage (Single-Ended)
-1 165
-880
-1 165
-880
-1 165
-880
mV
VIL
Input LOW Voltage (Single-Ended)
-1945
-1600
-1945
-1600
-1945
-1600
mV
VBB
Output Reference Voltage (Note 13)
-1525
-1425
-1325
-1525
-1425
-1325
-1525
-1425
-1325
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 14)
CLK0/CLK0
CLK1/CLK1
VEE + 1.2
VEE + 0.3
0.0
-0.9
VEE + 1.2
VEE + 0.3
0.0
-0.9
VEE + 1.2
VEE + 0.3
0.0
-0.9
V
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
CLK
CLK
0.5
-150
0.5
-150
0.5
-150
mA
NOTE:
100LVEP circuits are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
11. Input and output parameters vary 1:1 with VCC.
12. All outputs loaded with 50
W to VCC-2.0 V.
13. Single-ended input operation is limited VEE ≤ -3.0V in NECL mode.
14. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - NB100LVEP221FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP221FA ONSEMI-NB100LVEP221FA Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
NB100LVEP221FAG ONSEMI-NB100LVEP221FAG Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
NB100LVEP221FAG ONSEMI-NB100LVEP221FAG Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
NB100LVEP221FAR2 ONSEMI-NB100LVEP221FAR2 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
NB100LVEP221FARG ONSEMI-NB100LVEP221FARG Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
More results

Similar Description - NB100LVEP221FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com