Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD30N03L Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SPD30N03L
Description  SIPMOS Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPD30N03L Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SPD30N03L Datasheet HTML 1Page - Siemens Semiconductor Group SPD30N03L Datasheet HTML 2Page - Siemens Semiconductor Group SPD30N03L Datasheet HTML 3Page - Siemens Semiconductor Group SPD30N03L Datasheet HTML 4Page - Siemens Semiconductor Group SPD30N03L Datasheet HTML 5Page - Siemens Semiconductor Group SPD30N03L Datasheet HTML 6Page - Siemens Semiconductor Group SPD30N03L Datasheet HTML 7Page - Siemens Semiconductor Group SPD30N03L Datasheet HTML 8Page - Siemens Semiconductor Group SPD30N03L Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Semiconductor Group
SPD30N03L
Thermal Characteristics
Parameter
Values
Symbol
Unit
typ.
max.
min.
Characteristics
RthJC
-
-
1.25
K/W
Thermal resistance, junction - case
-
Thermal resistance, junction - ambient, leded
RthJA
-
100
-
-
-
-
75
50
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area1)
RthJA
Electrical Characteristics, at
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Unit
Values
min.
max.
typ.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID = 0.25 mA
-
V(BR)DSS
30
-
V
Gate threshold voltage,
VGS = VDS
ID = 80 µA
VGS(th)
2
1.6
1.2
Zero gate voltage drain current
VDS = 30 V, VGS = 0 V, Tj = 25 °C
VDS = 30 V, VGS = 0 V, Tj = 150 °C
-
IDSS
µA
1
100
0.1
-
Gate-source leakage current
VGS = 20 V, VDS = 0 V
IGSS
-
10
nA
100
Drain-Source on-state resistance
VGS = 4.5 V, ID = 30 A
VGS = 10 V, ID = 30 A
RDS(on)
-
-
0.013
0.0076
0.018
0.012
1 Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70µm thick) copper area for drain
connection. PCB is vertical without blown air.


Similar Part No. - SPD30N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N03 INFINEON-SPD30N03 Datasheet
111Kb / 8P
   SIPMOS횘 Power Transistor
05.99
logo
Inchange Semiconductor ...
SPD30N03S2L ISC-SPD30N03S2L Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPD30N03S2L-07 INFINEON-SPD30N03S2L-07 Datasheet
260Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPD30N03S2L-07 INFINEON-SPD30N03S2L-07 Datasheet
658Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
02-09-2008
SPD30N03S2L-07 INFINEON-SPD30N03S2L-07 Datasheet
510Kb / 8P
   OptiMOSa Power-Transistor
Rev. 2.1 2005-02-14
More results

Similar Description - SPD30N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com