Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE39485-24 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39485-24
Description  TNC Male to TNC Male Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FLJ Coax, RoHS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39485-24 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39485-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39485-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39485-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Size
Length, in [mm]
24 [609.6]
Diameter, in [mm]
0.098 [2.49]
.
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
0.37 [9.4]
Repeated Minimum Bend Radius, in [mm]
0.787 [19.99]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
1
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.098 [2.49]
Connector 1
Type
TNC Male
Configuration
Straight
Connector 2
Type
TNC Male
Configuration
Straight
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
TNC Male to TNC Male Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FLJ Coax, RoHS from Pasternack
EnterpriseshassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberopticproducts
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: TNC Male to TNC Male Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FLJ
Coax, RoHS PE39485-24
URL:
http://www.pasternack.com/tnc-male-tnc-male-pe-sr405flj-cable-assembly-pe39485-24-p.aspx
PE39485-24 REV
PE39485-24
TNC Male to TNC Male Semi-Flexible Precision Cable
24 Inch Length Using PE-SR405FLJ Coax, RoHS


Similar Part No. - PE39485-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39485-12 PASTERNACK-PE39485-12 Datasheet
336Kb / 3P
   TNC Male to TNC Male Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39485-18 PASTERNACK-PE39485-18 Datasheet
335Kb / 3P
   TNC Male to TNC Male Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39485-6 PASTERNACK-PE39485-6 Datasheet
335Kb / 3P
   TNC Male to TNC Male Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39485-9 PASTERNACK-PE39485-9 Datasheet
335Kb / 3P
   TNC Male to TNC Male Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FLJ Coax, RoHS
More results

Similar Description - PE39485-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39488-24 PASTERNACK-PE39488-24 Datasheet
335Kb / 3P
   TNC Male to TNC Female Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39485-6 PASTERNACK-PE39485-6 Datasheet
335Kb / 3P
   TNC Male to TNC Male Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39485-12 PASTERNACK-PE39485-12 Datasheet
336Kb / 3P
   TNC Male to TNC Male Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39485-18 PASTERNACK-PE39485-18 Datasheet
335Kb / 3P
   TNC Male to TNC Male Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39485-9 PASTERNACK-PE39485-9 Datasheet
335Kb / 3P
   TNC Male to TNC Male Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39485 PASTERNACK-PE39485 Datasheet
335Kb / 3P
   TNC Male to TNC Male Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39487-24 PASTERNACK-PE39487-24 Datasheet
338Kb / 3P
   TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39479-24 PASTERNACK-PE39479-24 Datasheet
331Kb / 3P
   TNC Male to TNC Male Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FL Coax, RoHS
PE39493-24 PASTERNACK-PE39493-24 Datasheet
333Kb / 3P
   TNC Male to TNC Male Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39471-24 PASTERNACK-PE39471-24 Datasheet
333Kb / 3P
   TNC Male to TNC Male Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com