Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE39484-9 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39484-9
Description  SMA Male Right Angle to TNC Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39484-9 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39484-9 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39484-9 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39484-9 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39484-9 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Insertion Loss
0.431 dB
Mechanical Specifications
Size
Length
9 in [228.6 mm]
Diameter
0.69 in [17.53 mm]
.
One Time Minimum Bend Radius
0.315 in [8 mm]
Repeated Minimum Bend Radius
1.57 in [39.88 mm]
Cable
Cable Type
PE-SR402FL
Inner Conductor Type
Solid
Cable Inner Conductor
Copper, Silver
No of Shields
1
Dielectric Type
PTFE
Connector 1
Type
SMA Male Right Angle
Configuration
Right Angle
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size
5/16 in.
Torque
8 in-lbs [0.9 Nm]
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Connector 2
Type
TNC Female Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/18/2012
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
PE39484-9 REV 1.1
PE39484-9
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to TNC Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length
Using PE-SR402FL Coax, RoHS PE39484-9
SMA Male Right Angle to TNC Female Bulkhead Semi-Flexible
Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS


Similar Part No. - PE39484-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39484-12 PASTERNACK-PE39484-12 Datasheet
374Kb / 4P
   SMA Male Right Angle to TNC Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FL Coax, RoHS
PE39484-18 PASTERNACK-PE39484-18 Datasheet
374Kb / 4P
   SMA Male Right Angle to TNC Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FL Coax, RoHS
PE39484-24 PASTERNACK-PE39484-24 Datasheet
374Kb / 4P
   SMA Male Right Angle to TNC Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FL Coax, RoHS
PE39484-6 PASTERNACK-PE39484-6 Datasheet
375Kb / 4P
   SMA Male Right Angle to TNC Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
More results

Similar Description - PE39484-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39483-9 PASTERNACK-PE39483-9 Datasheet
372Kb / 4P
   SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
PE39428-9 PASTERNACK-PE39428-9 Datasheet
374Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
PE39427-9 PASTERNACK-PE39427-9 Datasheet
370Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
PE39484-12 PASTERNACK-PE39484-12 Datasheet
374Kb / 4P
   SMA Male Right Angle to TNC Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FL Coax, RoHS
PE39484-18 PASTERNACK-PE39484-18 Datasheet
374Kb / 4P
   SMA Male Right Angle to TNC Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FL Coax, RoHS
PE39484-6 PASTERNACK-PE39484-6 Datasheet
375Kb / 4P
   SMA Male Right Angle to TNC Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39484-24 PASTERNACK-PE39484-24 Datasheet
374Kb / 4P
   SMA Male Right Angle to TNC Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FL Coax, RoHS
PE39483-12 PASTERNACK-PE39483-12 Datasheet
372Kb / 4P
   SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FL Coax, RoHS
PE39483-6 PASTERNACK-PE39483-6 Datasheet
372Kb / 4P
   SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39482-9 PASTERNACK-PE39482-9 Datasheet
333Kb / 3P
   TNC Male to TNC Female Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com