Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC-S101CD-S6A1 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-S101CD-S6A1
Description  Embedded 3.5 SBC system for PCM-9310
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-S101CD-S6A1 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-S101CD-S6A1 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-S101CD-S6A1 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Single Board Computers
Features
EPC-S101
Embedded 3.5 SBC system for PCM-9310
ƒ Intel® Braswell Celeron N3160/N3060, Atom E8000, DDR3L-1600MHz
SODIMM up to 8GB
ƒ Fanless slim system with wall-mount & desk mount removable flange, default
support VESA mount & Din-rail mount at bottom side
ƒ Supports 2 x Intel GbE, 8 x USB, HDMI, VGA, 4 x COM and 1 x Digital IO
ƒ Built-in 1 x full size mSATA and 1 x full size MiniPCIe w/SIM
ƒ Supports iManager, WISE-PaaS/RMM and Embedded Software APIs
Specifications
EPC-S101CQ-S6A1
EPC-S101CD-S6A1
EPC-S101AQ-S0A1
Processor System
CPU
Intel Celeron N3160
Intel Celeron N3060
Intel Atom E8000
Frequency
1.6 GHz (Quad-Core)
1.6 GHz (Dual-Core)
1.04 GHz (Dual-Core)
Max Turbo Frequency
2.24 GHz
2.48 GHz
2GHz
L2 Cache
2MB
2MB
2MB
BIOS
AMI UEFI BIOS at 64Mbit
Memory
Technology
DDR3L 1600MHz 2GB
Max. Capacity
Up to 8 GB*
Socket
1 x 204-pin SODIMM
Display
Controller
Intel Gen8 LP
Graphic Engine
DirectX11.1, OpenGL4.2, OpenCL1.2 (OpenCL not for Win7)
HW Decode: H.265/HEVC @ level 5, H.264 @ Level 5.2, MPEG2, MVC, VC-1, WMV9, JPEG, VP8.
HW Encode: H.264 @ Level 5.1, MVC, JPEG
VGA
1920 x 1200 at 60Hz
HDMI
HDMI 1.4b up to 2560x1600 at 60Hz
Dual Display
VGA + HDMI
Ethernet
LAN #1
10/100/1000 Mbps , RTL8111E
LAN #2
10/100/1000 Mbps , RTL8111E
Audio
Main system
Realtek ALC892, High Definition Audio (HD), Line-in, Line out, Mic-in
Expansion
Mini PICe #1
1 x Full-size Mini PCIe w/ SIM
Mini PICe #2
1 x Full-size Mini PCIe (default support mSATA)
Storage
2.5"HDD Drive
Option
mSATA
1
Other
Watchdog Timer
255-level timer interval, setup by software
Front I/O Openings
USB
4 (2 x USB2.0, 2 x USB 3.0)
RJ45
2
VGA
1
HDMI
1
Antenna
1
Rear I/O Openings
COM
4 (2 x RS232, 2 x RS232/422/485)
USB
2 (2 x USB2.0)
Audio
1 (Line-out, Line-in, Mic-in )
Digital I/O
1
Antenna
1
Miscellaneous
Circular Cutouts
1
LED Indicators
Power, HDD
Control
Power switch
Power Requirement
Power Type
AT
Power input Voltage
12V
Connector type
2-Pole Phoenix DC plug in
Environment
Operating
0 ~ 50° C (32 ~ 122° F) w/ 0.7m/s airflow
Non-operating
-40 ~ 85° C (-40~185° F)
Relative Humidity
40° C @ 95%, Non-Condensing, operating
60° C @ 95%, Non-Condensing, non-operating
Vibration (5~500Hz)
With mSATA/SSD: 3 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis
Shock
With mSATA/SSD: 30G, IEC 60068-2-27, half sine, 11 ms duration
Physical Characteristics
Mounting
Desk/Wall-mounting, VESA mounting, Din rail mounting standoff reserved
Dimensions (W x H x D)
System dimension : 188 x 39 x 150 mm
Weight
0.95 kg
Regulation
EMC
CE/FCC Class B
Safety
CB, UL, CCC, BSMI
* 1 x 2G DDR3L RAM is included in default package.
* Other RAM size is supported by request.
RoHS
COMPLIANT
2002/95/EC
NEW
All product specifications are subject to change without notice.
Last updated: 4-Jan-2018


Similar Part No. - EPC-S101CD-S6A1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-S201 ADVANTECH-EPC-S201 Datasheet
561Kb / 2P
   Intel Atom N3350 DC Barebone Embedded SBC Fanless Slim System
EPC-S201M00-S1A1E ADVANTECH-EPC-S201M00-S1A1E Datasheet
561Kb / 2P
   Intel Atom N3350 DC Barebone Embedded SBC Fanless Slim System
EPC-S202 ADVANTECH-EPC-S202 Datasheet
1Mb / 6P
   Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
EPC-S202E-S8A1 ADVANTECH-EPC-S202E-S8A1 Datasheet
1Mb / 6P
   Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
EPC-S202E-U0A1 ADVANTECH-EPC-S202E-U0A1 Datasheet
1Mb / 6P
   Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-S101CD-S6A1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-X200 ADVANTECH-EPC-X200 Datasheet
1Mb / 2P
   Embedded 3.5" SBC Chassis for PCM-9376
ACK-A002E ADVANTECH-ACK-A002E Datasheet
1Mb / 2P
   Embedded 3.5" SBC Chassis for PCM-9376
logo
DFI Inc
ES520 DFI-ES520 Datasheet
2Mb / 2P
   Embedded Chassis for 3.5" SBC
logo
Advantech Co., Ltd.
ACK-A001E ADVANTECH-ACK-A001E Datasheet
1Mb / 2P
   Compact Embedded 3.5" SBC Chassis
EPC-C100 ADVANTECH-EPC-C100 Datasheet
1Mb / 2P
   Compact Embedded 3.5" SBC Chassis
logo
AAEON Technology
TKS-G50-9310 AAEON-TKS-G50-9310 Datasheet
269Kb / 2P
   Embedded Box for GENE-9310
logo
List of Unclassifed Man...
RSB200-884T ETC2-RSB200-884T Datasheet
887Kb / 1P
   Fanless System for IBASE IB892 3.5??SBC
RSB200-892 ETC2-RSB200-892 Datasheet
887Kb / 1P
   Fanless System for IBASE IB892 3.5??SBC
logo
AAEON Technology
TKS-G20-9310 AAEON-TKS-G20-9310 Datasheet
331Kb / 2P
   Fanless Embedded Box For GENE-9310
logo
Advantech Co., Ltd.
EPC-C300 ADVANTECH-EPC-C300 Datasheet
1Mb / 3P
   Embedded 3.5" SBC Chassis for MIO-5250, MIO-5251, MIO-5271
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com