Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C371-66JI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C371-66JI
Description  UltraLogic 32-Macrocell Flash CPLD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C371-66JI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C371-66JI Datasheet HTML 1Page - Cypress Semiconductor CY7C371-66JI Datasheet HTML 2Page - Cypress Semiconductor CY7C371-66JI Datasheet HTML 3Page - Cypress Semiconductor CY7C371-66JI Datasheet HTML 4Page - Cypress Semiconductor CY7C371-66JI Datasheet HTML 5Page - Cypress Semiconductor CY7C371-66JI Datasheet HTML 6Page - Cypress Semiconductor CY7C371-66JI Datasheet HTML 7Page - Cypress Semiconductor CY7C371-66JI Datasheet HTML 8Page - Cypress Semiconductor CY7C371-66JI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY7C371
7c371: Tuesday, May 26, 1992
Revision: August 9, 1995
2
7c3712
I/O27
I/O26
I/O25
I/O24
CLK1/I5
GND
I4
I3
I/O23
I/O22
I/O21
I/O5
I/O6
I/O7
I0
I1
GND
CLK0/I2
I/O8
I/O9
I/O10
I/O11
Pin Configurations
6 5
3
4
2
8
9
7
10
11
144
18
15
16
14
13
12
17
19 20
22
21
23 24
27
26
28
25
31
30
29
32
33
34
39
37
38
36
35
43 42
40
41
I/O27
I/O26
I/O25
I/O24
CLK1/I5
GND
I4
I3
I/O23
I/O22
I/O21
I/O5
I/O6
I/O7
I0
I1
GND
CLK0/I2
I/O8
I/O9
I/O10
I/O11
8
9
7
10
11
3
4
2
5
6
1
18 19 20
22
21
13 14 15
17
16
12
31
30
29
32
33
26
25
24
27
28
23
44 43 42
40
41
39 38 37
35
36
34
7c3713
PLCC/CLCC
Top View
TQFP
Top View
Logic Block
The number of logic blocks distinguishes the members of the
FLASH370 family. The CY7C371 includes two logic blocks. Each
logic block is constructed of a product term array, a product term
allocator, and 16 macrocells.
Product Term Array
The product term array in the FLASH370 logic block includes 36 in
puts from the PIM and outputs 86 product terms to the product
term allocator. The 36 inputs from the PIM are available in both
positive andnegativepolarity,makingtheoverallarraysize72x86.
This large array in each logic block allows for very complex func
tions to be implemented in a single pass through the device.
Product Term Allocator
The product term allocator is a dynamic, configurable resource
that shifts product terms to macrocells that require them. Any
number of product terms between 0 and 16 inclusive can be as
signed to any of the logic block macrocells (this is called product
term steering). Furthermore, product terms can be shared among
multiple macrocells. This means that product terms that are com
mon to more than one output can be implemented in a single prod
uct term. Product term steering and product term sharing help to
increase the effective density of the FLASH370 CPLDs. Note that
product term allocation is handled by software and is invisible to
the user.
I/O Macrocell
Each of the macrocells on the CY7C371 has a separate associated
I/O pin. The input to the macrocell is the sum of between 0 and 16
product terms from the product term allocator. The macrocell in
cludes a register that can be optionally bypassed. It also has polar
ity control, and two global clocks to trigger the register. The ma
crocell also features a separate feedback path to the PIM so that
the register can be buried if the I/O pin is used as an input.
Programmable Interconnect Matrix
The Programmable Interconnect Matrix (PIM) connects the two
logic blocks on the CY7C371 to the inputs and to each other. All
inputs (including feedbacks) travel through the PIM. There is no
speed penalty incurred by signals traversing the PIM.
Design Tools
Development software for the CY7C371 is available from Cy
press's Warp2, Warp2+, and Warp3 software packages. All of these
products are based on the IEEEstandard VHDL language. Cy
press also actively supports thirdparty design tools such as
ABELt, CUPLt, MINC, and LOG/iCt. Please contact your lo
cal Cypress representative for further information.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines,
not tested.)
Storage Temperature
-65_C to +150_C
. . . . . . . . . . . . . . . . . . .
Ambient Temperature with
Power Applied
-55_C to +125_C
. . . . . . . . . . . . . . . . . . . . . . . .
Supply Voltage to Ground Potential
-0.5V to +7.0V
. . . . . . . . .
DC Voltage Applied to Outputs
in High Z State
-0.5V to +7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . .
DC Input Voltage
-0.5V to +7.0V
. . . . . . . . . . . . . . . . . . . . . . . .
DC Program Voltage
12.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current into Outputs (LOW)
16 mA
. . . . . . . . . . . . . . .
Static Discharge Voltage
>2001V
. . . . . . . . . . . . . . . . . . . . . . . .
(per MIL STD 883, Method 3015)
LatchUp Current
>200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0_C to +70_C
5V ± 5%
Military[1]
-55_C to +125_C
5V ± 10%
Industrial
-40_C to +85_C
5V ± 10%
Note:
1. TA is the instant on" case temperature.


Similar Part No. - CY7C371-66JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C371I CYPRESS-CY7C371I Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371I-110AC CYPRESS-CY7C371I-110AC Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371I-110AI CYPRESS-CY7C371I-110AI Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371I-110JC CYPRESS-CY7C371I-110JC Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371I-110JI CYPRESS-CY7C371I-110JI Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
More results

Similar Description - CY7C371-66JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C371I CYPRESS-CY7C371I Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I Datasheet
274Kb / 13P
   UltraLogic 128-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I_04 Datasheet
347Kb / 15P
   UltraLogic??128-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C375I CYPRESS-CY7C375I Datasheet
431Kb / 17P
   UltraLogic 128-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
logo
Xilinx, Inc
XCR3032XL-5VQ44C XILINX-XCR3032XL-5VQ44C Datasheet
224Kb / 9P
   XCR3032XL 32 Macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com